Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1048FTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 22Page - STMicroelectronics VNF1048FTR Datasheet HTML 23Page - STMicroelectronics VNF1048FTR Datasheet HTML 24Page - STMicroelectronics VNF1048FTR Datasheet HTML 25Page - STMicroelectronics VNF1048FTR Datasheet HTML 26Page - STMicroelectronics VNF1048FTR Datasheet HTML 27Page - STMicroelectronics VNF1048FTR Datasheet HTML 28Page - STMicroelectronics VNF1048FTR Datasheet HTML 29Page - STMicroelectronics VNF1048FTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Serial data output SDO
This output signal is used to transfer data serially out of the device. Data are shifted out on the falling edge of
Serial Clock (SCK).
Chip select CSN
The communication interface is deselected, when this input signal is logically high. A falling edge on CSN enables
and starts the communication while a rising edge finishes the communication and the sent command is executed
when a valid frame was sent. During communication start and stop the Serial Clock (SCK) has to be logically low.
6.3
SPI protocol
SDI format during each communication frame starts with a command byte. It begins with two bits of operating
code (OC1, OC0) which specify the type of operation (read, write, read and clear status, read device information)
and it is followed by a 6-bit address (A5 : A0). The command byte is followed by three input data bytes: (D23 :
D16), (D15 : D8) and (D7 : D0).
Table 20. Command byte
MSB
LSB
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 21. Input data byte 1
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
Table 22. Input data byte 2
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Table 23. Input data byte 3
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Table 24. Global status byte
SDO format during each communication frame starts with a specific byte called Global Status Byte (see GSB byte for more
details on bit0 - bit7). This byte is followed by three output data bytes (D23 : D16), (D15 : D8) and (D7 : D0).
MSB
LSB
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Table 25. Output data byte 1
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
VNF1048F
SPI protocol
DS13084 - Rev 6
page 26/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com