Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4T33CAY Datasheet(PDF) 10 Page - STMicroelectronics

Part # SM4T33CAY
Description  Automotive 400 W TVS in SMA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T33CAY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SM4T33CAY Datasheet HTML 6Page - STMicroelectronics SM4T33CAY Datasheet HTML 7Page - STMicroelectronics SM4T33CAY Datasheet HTML 8Page - STMicroelectronics SM4T33CAY Datasheet HTML 9Page - STMicroelectronics SM4T33CAY Datasheet HTML 10Page - STMicroelectronics SM4T33CAY Datasheet HTML 11Page - STMicroelectronics SM4T33CAY Datasheet HTML 12Page - STMicroelectronics SM4T33CAY Datasheet HTML 13Page - STMicroelectronics SM4T33CAY Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2.2
Reflow profile
Figure 25. ST ECOPACK recommended soldering reflow profile for PCB mounting
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6 °C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)
Note:
Minimize air convection currents in the reflow oven to avoid component movement. Maximum soldering profile
corresponds to the latest IPC/JEDEC J-STD-020.
SM4TxxAY, SM4TxxCAY
Reflow profile
DS6927 - Rev 5
page 10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com