Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB2 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSB41AB2 Datasheet HTML 13Page - Texas Instruments TSB41AB2 Datasheet HTML 14Page - Texas Instruments TSB41AB2 Datasheet HTML 15Page - Texas Instruments TSB41AB2 Datasheet HTML 16Page - Texas Instruments TSB41AB2 Datasheet HTML 17Page - Texas Instruments TSB41AB2 Datasheet HTML 18Page - Texas Instruments TSB41AB2 Datasheet HTML 19Page - Texas Instruments TSB41AB2 Datasheet HTML 20Page - Texas Instruments TSB41AB2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Cable Port
TPA+
TPA−
TPB+
TPB−
Cable
Power
Pair
Cable
Pair
A
Cable
Pair
B
TPBIAS
1
µF
56
Ω‡
56
Ω‡
56
Ω‡
56
Ω‡
5 k
Ω
220 pF†
CPS
400 k
Ω
TSB41AB2
Outer Shield
Termination
† The IEEE Std 1394-1995 calls for a 250-pF capacitor, which is a nonstandard component value. A 220-pF capacitor is recommended.
‡ ±0.5% to meet 1394−1995 specification.
Figure 5. TP Cable Connections
1 M
Ω
0.01
µF
0.001
µF
Outer Cable Shield
Chassis GND
Figure 6. Compliant DC Isolated Outer Shield Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com