Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB2 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB41AB2 Datasheet HTML 17Page - Texas Instruments TSB41AB2 Datasheet HTML 18Page - Texas Instruments TSB41AB2 Datasheet HTML 19Page - Texas Instruments TSB41AB2 Datasheet HTML 20Page - Texas Instruments TSB41AB2 Datasheet HTML 21Page - Texas Instruments TSB41AB2 Datasheet HTML 22Page - Texas Instruments TSB41AB2 Datasheet HTML 23Page - Texas Instruments TSB41AB2 Datasheet HTML 24Page - Texas Instruments TSB41AB2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
designing with the PowerPAD package (continued)
Other requirements for thermal lands and thermal vias are detailed in PowerPAD Thermally Enhanced Package
Technical Brief, TI literature number SLMA002, available via the TI Web pages beginning at URL
http://www.ti.com.
Figure 12. Example of a Thermal Land for the TSB41AB2PAP PHY
For the TSB41AB2, this thermal land should be grounded to the low impedance ground plane of the device. This
improves not only thermal performance but also the electrical grounding of the device. It is also recommended
that the device ground terminal landing pads be connected directly to the grounded thermal land. The land size
should be as large as possible without shorting device signal terminals. The thermal land may be soldered to
the exposed PowerPAD using standard reflow soldering techniques.
While the thermal land may be electrically floated and configured to remove heat to an external heat sink, it is
recommended that the thermal land be connected to the low-impedance ground plane for the device. More
information may be obtained from the TI application report Recommendations for PHY Layout, TI literature
number SLLA020.
internal register configuration
There are 16 accessible internal registers in the TSB41AB2. The configuration of the registers at addresses 0h
through 7h (the base registers) is fixed, while the configuration of the registers at addresses 8h through Fh (the
paged registers) is dependent upon which one of eight pages, numbered 0 through 7, is currently selected. The
selected page is set in base register 7.
The configuration of the base registers is shown in Table 1, and corresponding field descriptions are given in
Table 2. The base register field definitions are unaffected by the selected page number.
A reserved register or register field (marked as Reserved or Rsvd in register configuration tables) is read as 0,
but is subject to future usage. All registers in pages 2 through 6 are reserved.
Table 1. Base Register Configuration
ADDRESS
BIT POSITION
0
1
2
3
4
5
6
7
0000
Physical ID
R
CPS
0001
RHB
IBR
Gap_Count
0010
Extended (111b)
Num_Ports (00010b)
0011
PHY_Speed (010b)
Rsvd
Delay (0000b)
0100
LCtrl
C
Jitter (000b)
Pwr_Class
0101
RPIE
ISBR
CTOI
CPSI
STOI
PEI
EAA
EMC
0110
Reserved
0111
Page_Select
Rsvd
Port_Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com