| Electronic Components Datasheet Search |
|
TSB81BA3DI Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB81BA3DI Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 59 page ![]() TSB81BA3D, TSB81BA3DI IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER SLLS559E − DECEMBER 2002 − REVISED JUNE 2006 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION (1394a−2000 INTERFACE) interface reset and disable (continued) The LLC requests that the interface be reset by deasserting the LPS signal and terminating all bus and request activity. When the PHY observes that LPS has been deasserted for TLPS_RESET, it resets the interface. When the interface is in the reset state, the PHY sets its CTL and D outputs in the logic 0 state and ignores any activity on the LREQ signal. Figure 17 shows the timing for interface reset. PCLK (a) (c) (b) CTL0, CTL1 D0 − D7 LREQ LPS (d) TLPS_RESET TRESTORE Figure 17. Interface Reset The sequence of events for resetting the PHY-LLC interface is as follows: (a) Normal operation. Interface is operating normally, with LPS asserted, PCLK active, status and packet data reception and transmission via the CTL and D lines, and request activity via the LREQ line. In the above diagram, the LPS signal is shown as a nonpulsed level signal. However, it is permissible to use a pulsed signal for LPS in a direct connection between the PHY and LLC; a pulsed signal is required when using an isolation barrier. (b) LPS deasserted. The LLC deasserts the LPS signal and, within 1.0 µs, terminates any request or interface bus activity, places its CTL and D outputs into a high-impedance state, and drives its LREQ output low. (c) Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface bus activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset state. (d) Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. When LPS is asserted, the interface is initialized as described below. If the LLC continues to keep the LPS signal deasserted, it then requests that the interface be disabled. The PHY disables the interface when it observes that LPS has been deasserted for TLPS_DISABLE. When the interface is disabled, the PHY sets its CTL and D outputs as stated above for interface reset, but also stops PCLK activity. The interface is also placed into the disabled condition upon a hardware reset of the PHY. Figure 18 shows the timing for the interface disable. When the interface is disabled, the PHY enters a low-power state if none of its ports are active. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |