| Electronic Components Datasheet Search |
|
TSB81BA3DI Datasheet(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB81BA3DI Datasheet(HTML) 43 Page - Texas Instruments |
|
43 / 59 page ![]() TSB81BA3D, TSB81BA3DI IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER SLLS559E − DECEMBER 2002 − REVISED JUNE 2006 43 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION (1394B INTERFACE) The TSB81BA3D normally controls the CTL0−CTL1 and D0−D7 bidirectional buses. The LLC is allowed to drive these buses only after the LLC has been granted permission to do so by the PHY. There are four operations that may occur on the PHY-LLC interface: link service request, status transfer, data transmit, and data receive. The LLC issues a service request to read or write a PHY register or to request the PHY to gain control of the serial-bus in order to transmit a packet. The PHY may initiate a status transfer either autonomously or in response to a register read request from the LLC. The PHY initiates a receive operation whenever a packet is received from the serial-bus. The PHY initiates a transmit operation after winning control of the serial-bus following a bus-request by the LLC. The transmit operation is initiated when the PHY grants control of the interface to the LLC. Table 22 and Table 23 show the encoding of the CTL0−CTL1 bus. Table 22. CTL Encoding When PHY Has Control of the Bus CTL0 CTL1 NAME DESCRIPTION 0 0 Idle No activity (this is the default mode) 0 1 Status Status information is being sent from the PHY to the LLC. 1 0 Receive An incoming packet is being sent from the PHY to the LLC. 1 1 Grant The LLC has been given control of the bus to send an outgoing packet. Table 23. CTL Encoding When LLC Has Control of the Bus CTL0 CTL1 NAME DESCRIPTION 0 0 Idle The LLC releases the bus (transmission has been completed). 0 1 Transmit An outgoing packet is being sent from the LLC to the PHY. 1 0 Reserved Reserved 1 1 Hold/More Information The LLC is holding the bus while data is being prepared for transmission, or the LLC is sending a request to arbitrate for access to the bus, or the LLC is identifying the end of a subaction gap to the PHY. LLC service request To request access to the bus, to read or write a PHY register, or to send a link notification to PHY, the LLC sends a serial bit stream on the LREQ terminal as shown in Figure 21. Each cell represents one clock sample time, and n is the number of bits in the request stream. LR1 LR2 LR3 LR (n-2) LR0 LR (n-1) Figure 21. LREQ Request Stream The length of the stream varies depending on the type of request as shown in Table 24. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |