Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 33Page - Renesas Technology Corp AT25QL321 Datasheet HTML 34Page - Renesas Technology Corp AT25QL321 Datasheet HTML 35Page - Renesas Technology Corp AT25QL321 Datasheet HTML 36Page - Renesas Technology Corp AT25QL321 Datasheet HTML 37Page - Renesas Technology Corp AT25QL321 Datasheet HTML 38Page - Renesas Technology Corp AT25QL321 Datasheet HTML 39Page - Renesas Technology Corp AT25QL321 Datasheet HTML 40Page - Renesas Technology Corp AT25QL321 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 37
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
Figure 26. Page Program Command (QPI Mode)
SCK
CS
0
123
45
6
7
8
0
9
1
10
4
11
5
12
0
13
1
4
5
8
9
12
13
16
17
20
21
Mode 3
Mode 0
Mode 3
Mode 0
2
6
2
6
10
14
18
22
3
7
0
1
4
5
2
6
3
7
3
7
0
1
4
5
2
6
3
7
11
15
19
23
A23-16
Command
02h
A15-8
A7-0
Byte 1
Byte 2
Byte 3
0
1
4
5
2
6
3
7
0
1
4
5
2
6
3
7
Byte 255 Byte 256
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com