Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 67Page - Renesas Technology Corp AT25QL321 Datasheet HTML 68Page - Renesas Technology Corp AT25QL321 Datasheet HTML 69Page - Renesas Technology Corp AT25QL321 Datasheet HTML 70Page - Renesas Technology Corp AT25QL321 Datasheet HTML 71Page - Renesas Technology Corp AT25QL321 Datasheet HTML 72Page - Renesas Technology Corp AT25QL321 Datasheet HTML 73Page - Renesas Technology Corp AT25QL321 Datasheet HTML 74Page - Renesas Technology Corp AT25QL321 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 71
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
1. These parameters are characterized at -10 ˚C and +85 ˚C only
Figure 65. Power-up Timing and Voltage Levels
1. These parameters are characterized only.
Figure 66. ACC Program Acceleration Timing and Voltage Levels
9.4
Power-up Timing and Write Inhibit Threshold
Parameter
Symbol
Min
Max
Units
VCC (min) to CS Low
tVSL(1)
10
µs
Time Delay Before Write Command
tPUW(1)
110
ms
Write Inhibit Threshold Voltage
VWI(1)
1.0
1.4
V
9.5
Program Acceleration via ACC Pin
Parameter
Symbol
Min
Max
Units
WP pin High Voltage
VHH 1
8.5
9.5
V
WP pin Voltage rise and fall time
tVHH 1
2.2
µs
WP at VHH and VIL or VIH to first command
tWC 1
5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com