Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL321 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 4Page - Renesas Technology Corp AT25SL321 Datasheet HTML 5Page - Renesas Technology Corp AT25SL321 Datasheet HTML 6Page - Renesas Technology Corp AT25SL321 Datasheet HTML 7Page - Renesas Technology Corp AT25SL321 Datasheet HTML 8Page - Renesas Technology Corp AT25SL321 Datasheet HTML 9Page - Renesas Technology Corp AT25SL321 Datasheet HTML 10Page - Renesas Technology Corp AT25SL321 Datasheet HTML 11Page - Renesas Technology Corp AT25SL321 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 8
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
2.
Pinouts and Pin Descriptions
Figure 1 shows the pinouts for the available package types.
Figure 1. Package Types
During all operations, VCC must be held stable and within the specified valid range: VCC (min) to VCC (max).
All of the input and output signals must be held high or low (according to voltages of VIH, VOH, VIL or VOL.
8-UDFN (Top View)
8-pad USON (Top View)
8-WLCSP (Bottom View)
CS
SO (IO
1)
WP (IO
2, ACC)
GND
1
2
3
4
8
7
6
5
V
CC
HOLD (IO
3)
SCK
SI (IO
0)
SO (IO
1)
GND
SI (IO
0)
V
CC
HOLD (IO
3)
SCK
WP (IO
2, ACC)
CS 1
2
3
4
8
7
6
5
GND
I/O
0 (SI)
SCK
I/O
1(SO)
Vcc
I/O
3(HOLD)
(I/O
2, ACC)
WP
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com