Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1283 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ADC1283
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283 Datasheet(HTML) 1 Page - STMicroelectronics

  ADC1283 Datasheet HTML 1Page - STMicroelectronics ADC1283 Datasheet HTML 2Page - STMicroelectronics ADC1283 Datasheet HTML 3Page - STMicroelectronics ADC1283 Datasheet HTML 4Page - STMicroelectronics ADC1283 Datasheet HTML 5Page - STMicroelectronics ADC1283 Datasheet HTML 6Page - STMicroelectronics ADC1283 Datasheet HTML 7Page - STMicroelectronics ADC1283 Datasheet HTML 8Page - STMicroelectronics ADC1283 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Features
50 ksps to 200 ksps conversion rate
8-to-1-channel input MUX
2.7 V to 5.5 V digital I/Os supply voltage
2.7 V to 5.5 V analog supply voltage
DNL (AVCC = DVCC = 5 V): +/- 0.9 LSB maximum
INL (AVCC = DVCC = 5 V): +/- 1.2 LSB maximum
Very low consumption: Pd = 3.2 mW typical @ 5 V supply
Power-down mode
Temperature range: -40 °C to 125 °C
4-wire SPI serial digital interface
TSSOP-16 package
Applications
Industrial process control
Shunt resistor monitoring
Data acquisition and instrumentation
Test and measurement equipment
Strain gauge sensing
Telemetry
Description
The ADC1283 is a low-power, eight-channel pure CMOS 12-bit analog-to-digital
converter specified for conversion from 50 ksps to 200 ksps, tested at 200 ksps
(3.2 MHz clock frequency). The architecture is based on a successive-approximation
register with an internal track-and-hold cell. The ADC1283 features 8 single-ended
multiplexed inputs. The output serial data is straight binary and is SPI™ compatible.
The analog power supply operates from 2.7 V to 5.5 V. The digital power supply
operates independently from analog supply from 2.7 V to 5.5 V. The power
consumption at 5 V nominal supply is as low as 3.2 mW. The ADC1283 comes
in a plastic TSSOP-16 package and can operate from -40 °C to +125 °C ambient
temperature.
TSSOP-16
ADC1283
Maturity status link
ADC1283
Related products
ADC1281
ADC1282
8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
ADC1283
Datasheet
DS13932 - Rev 1 - March 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ADC1283

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC128 MPSIND-ADC128 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818 TI2-ADC128D818 Datasheet
832Kb / 49P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor With Temperature Sensor, Internal – External Reference, and I2C Interface
REVISED AUGUST 2015
logo
National Semiconductor ...
ADC128D818CIMT NSC-ADC128D818CIMT Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results

Similar Description - ADC1283

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD678 AD-AD678 Datasheet
311Kb / 14P
12-Bit 200 kSPS Complete Sampling ADC
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
12-Bit 200 kSPS Complete Sampling ADC
REV. C
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com