Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2ICLX Datasheet(PDF) 5 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 5 Page - STMicroelectronics

  IIS2ICLX Datasheet HTML 1Page - STMicroelectronics IIS2ICLX Datasheet HTML 2Page - STMicroelectronics IIS2ICLX Datasheet HTML 3Page - STMicroelectronics IIS2ICLX Datasheet HTML 4Page - STMicroelectronics IIS2ICLX Datasheet HTML 5Page - STMicroelectronics IIS2ICLX Datasheet HTML 6Page - STMicroelectronics IIS2ICLX Datasheet HTML 7Page - STMicroelectronics IIS2ICLX Datasheet HTML 8Page - STMicroelectronics IIS2ICLX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 119 page
background image
2.1
Finite state machine
The IIS2ICLX can be configured to generate interrupt signals activated by user-defined motion patterns. To
do this, up to 16 embedded finite state machines can be programmed independently for motion detection and
decoding.
Definition of finite state machine
A state machine is a mathematical abstraction used to design logic connections. It is a behavioral model
composed of a finite number of states and transitions between states, similar to a flow chart in which one can
inspect the way logic runs when certain conditions are met. The state machine begins with a start state, goes to
different states through transitions dependent on the inputs, and can finally end in a specific state (called stop
state). The current state is determined by the past states of the system. The following figure shows a generic
state machine.
Figure 1. Generic state machine
Finite state machine in the IIS2ICLX
The IIS2ICLX works as an accelerometer sensor, generating acceleration output data. It is also possible to
connect an external sensor (an accelerometer, a gyroscope, a pressure sensor, and so forth) by using the sensor
hub feature (mode 2). These data can be used as input of up to 16 programs in the embedded finite state
machine (Figure 2. State machine in the IIS2ICLX).
All 16 finite state machines are independent: each one has its dedicated memory area and it is independently
executed. An interrupt is generated when the end state is reached or when some specific command is performed.
Figure 2. State machine in the IIS2ICLX
ACC [LSB]
EXT. SENSOR (GYRO) [LSB]
(optional)
IIS2ICLX
SIGNAL
CONDITIONING
FSM
FSM Output
IIS2ICLX
Finite state machine
DS13005 - Rev 7
page 5/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com