Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2ICLX Datasheet(PDF) 30 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button IIS2ICLX Datasheet HTML 26Page - STMicroelectronics IIS2ICLX Datasheet HTML 27Page - STMicroelectronics IIS2ICLX Datasheet HTML 28Page - STMicroelectronics IIS2ICLX Datasheet HTML 29Page - STMicroelectronics IIS2ICLX Datasheet HTML 30Page - STMicroelectronics IIS2ICLX Datasheet HTML 31Page - STMicroelectronics IIS2ICLX Datasheet HTML 32Page - STMicroelectronics IIS2ICLX Datasheet HTML 33Page - STMicroelectronics IIS2ICLX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 119 page
background image
The procedure to correctly initialize the device is as follows:
1.
INT1: Leave unconnected or connect with external pull-down during power-on. Pull-up must be avoided on
this pin.
2.
INT2: Recommend to not connect with external pull-up.
3.
Properly configure the device:
a.
SPI interface: I2C_disable = 1 in CTRL4_C (13h) and DEVICE_CONF = 1 in CTRL9_XL (18h).
b.
I²C interface: I2C_disable = 0 (default) in CTRL4_C (13h) and DEVICE_CONF = 1 in CTRL9_XL (18h).
Table 16. Internal pin status
Pin #
Name
Mode 1 function
Mode 2 function
Pin status mode 1
Pin status mode 2
1
VDD_IO
Power supply for I/O pins
(recommended 100 nF filter capacitor)
2
CS
I²C/SPI mode selection
(1:SPI idle mode / I²C communication enabled;
0: SPI communication mode / I²C disabled)
Default: input with pull-up.
Pull-up is disabled if bit
I2C_disable = 1 in reg 13h and
DEVICE_CONF = 1 in reg 18h.
Default: input with pull-up.
Pull-up is disabled if bit
I2C_disable = 1 in reg 13h and
DEVICE_CONF = 1 in reg 18h.
3
GND
0 V supply
4
INT2
Programmable interrupt 2
(INT2) / Data enable (DEN)
Programmable interrupt 2 (INT2)/
Data enable (DEN)/ I²C master
external synchronization signal
(MDRDY)
Default: output forced to ground
Default: output forced to ground
5
SDO
SPI 4-wire interface serial data output (SDO)
Default: input without pull-up.
Pull-up is enabled if bit
SDO_PU_EN = 1 in reg 02h.
Default: input without pull-up.
Pull-up is enabled if bit
SDO_PU_EN = 1 in reg 02h.
SA0
I²C least significant bit of the device address (SA0)
6
INT1
Programmable Interrupt 1 (INT1)
Default: input with pull-down(1)
Default: input with pull-down(1)
7
SDx
Connect to GND or VDD_IO
I²C serial data master (MSDA)
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers.
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers.
8
VDD
Power supply (recommended 100 nF filter capacitor)
9
VDD
Power supply (recommended 100 nF filter capacitor)
10
SCL
I²C serial clock (SCL) / SPI serial port clock (SPC)
Default: input without pull-up
Default: input without pull-up
11
SDA/SDI
I²C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
Default: input without pull-up
Default: input without pull-up
12
SCx
Connect to GND or VDD_IO
I²C serial clock master (MSCL)
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers.
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers.
13
GND
GND
14
NC
Connect to GND or leave unconnected
15
NC
Connect to GND or leave unconnected
16
NC
Connect to GND or leave unconnected
1. INT1 must be set to 0 or left unconnected during power-on.
IIS2ICLX
IIS2ICLX electrical connections in mode 2
DS13005 - Rev 7
page 30/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com