Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO808A Datasheet(PDF) 2 Page - STMicroelectronics

Part # ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 2 Page - STMicroelectronics

  ISO808A Datasheet HTML 1Page - STMicroelectronics ISO808A Datasheet HTML 2Page - STMicroelectronics ISO808A Datasheet HTML 3Page - STMicroelectronics ISO808A Datasheet HTML 4Page - STMicroelectronics ISO808A Datasheet HTML 5Page - STMicroelectronics ISO808A Datasheet HTML 6Page - STMicroelectronics ISO808A Datasheet HTML 7Page - STMicroelectronics ISO808A Datasheet HTML 8Page - STMicroelectronics ISO808A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Description
The ISO808A, ISO808A-1, are galvanic isolated 8-channel drivers featuring a low supply current. Each driver
contains 2 independent galvanic isolated voltage domains (VCC and VDD for the Process and Control Logic
stages, respectively). The ICs are intended for driving any kind of load with one side connected to ground.
The Control Logic Stage features an 8-bit Output Status Register (where the MCU sets the ON/OFF status of
the output channels in the Process Stage), daisy chaining is allowed. The two stages communicate through the
galvanic isolation channel by an ST proprietary protocol.
Active channel current limitation (OVL) combined with thermal shutdown (OVT), independent for each channel,
protects the device against overload.
Built-in thermal shut down protects each channel from over-temperature and overload: each overheated channel
automatically turns OFF after its junction temperature triggers the protection threshold (TJSD). The channel turns
back ON if its junction temperature decreases lower than restart threshold (TJR).
An additional case temperature sensor protects the whole chip against over-temperature (OVC event): if the case
temperature triggers the TCSD threshold then overloaded channels are turned OFF and will restart only when case
temperature decreased down to the reset threshold (TCR). Non overloaded channels continue to operate normally.
Other embedded functions are loss of ground protection, VCC and VDD UVLOs (with hysteresis), watchdog and
VCC Power GOOD.
An internal circuit provides an OR-wired not latched common FAULT indicator signaling the channel OVT. The
PGOOD diagnostic pin is activated if VCC goes below the power good threshold. Both FAULT and PGOOD pins
are open drain, active low, fault indication pins.
ISO808A, ISO808A-1
DS14170 - Rev 1
page 2/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com