Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO808A Datasheet(PDF) 20 Page - STMicroelectronics

Part # ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 16Page - STMicroelectronics ISO808A Datasheet HTML 17Page - STMicroelectronics ISO808A Datasheet HTML 18Page - STMicroelectronics ISO808A Datasheet HTML 19Page - STMicroelectronics ISO808A Datasheet HTML 20Page - STMicroelectronics ISO808A Datasheet HTML 21Page - STMicroelectronics ISO808A Datasheet HTML 22Page - STMicroelectronics ISO808A Datasheet HTML 23Page - STMicroelectronics ISO808A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
7
Power section
7.1
Current limitation
The current limitation process is activated when the current sense connected on the output stage measures a
current value higher than a fixed threshold. When this condition is verified, the gate voltage is modulated to avoid
output current increasing over the limitation value.
The following figures (where BITX is intended as Xth bit of the Output Status Register) show typical output current
waveforms with different load conditions.
Figure 14. Switching on resistive load
Figure 15. Switching on bulb lamp
Figure 16. Switching on light inductive load
Figure 17. Switching on heavy inductive load
ISO808A, ISO808A-1
Power
section
DS14170 - Rev 1
page 20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com