Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9969X Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 7Page - STMicroelectronics L9969X Datasheet HTML 8Page - STMicroelectronics L9969X Datasheet HTML 9Page - STMicroelectronics L9969X Datasheet HTML 10Page - STMicroelectronics L9969X Datasheet HTML 11Page - STMicroelectronics L9969X Datasheet HTML 12Page - STMicroelectronics L9969X Datasheet HTML 13Page - STMicroelectronics L9969X Datasheet HTML 14Page - STMicroelectronics L9969X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
2.4
Quiescent current consumption
L9969 can guarantee quiescent current values below defined values. Table 7 reports all cases of interest, varying
from disabled bridge, to bridge driven ON at different PWM frequencies, but without any output current to loads.
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 7. Quiescent current consumption
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IVS
Quiescent current consumption
5 V < VS < 18 V
Bridge disabled
VDD = 5 V
-
-
15
mA
IVS
Stand-by current consumption
VS = 14 V
Bridge disabled
VDD = 0 V
10
-
100
µA
IVS
Quiescent current consumption
5 V < VS < 18 V
fOUT = 2 kHz
VDD = 5 V
IOUT = 0 A
-
-
18
mA
IVS
Quiescent current consumption
5 V < VS < 18 V
fOUT = 10 kHz
VDD = 5V
IOUT = 0 A
-
-
21
mA
IVS
Quiescent current consumption
VS = 28 V
fOUT = 10 kHz
VDD = 5 V
IOUT = 0 A
-
-
25
mA
2.5
ESD protection
Table 8. ESD protection
Item
Parameter
Condition
Min
Typ
Max
Unit
All pins
-
HBM
-2
-
2
kV
All pins
-
CDM (values for corner pins in brackets)
-500/(-750)
-
500/(750)
V
Pins to connector (1)
-
HBM
-4
-
4
kV
1. Pins are all GND connected together.
L9969x
Quiescent current consumption
DS14029 - Rev 3
page 11/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com