Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9969X Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 11Page - STMicroelectronics L9969X Datasheet HTML 12Page - STMicroelectronics L9969X Datasheet HTML 13Page - STMicroelectronics L9969X Datasheet HTML 14Page - STMicroelectronics L9969X Datasheet HTML 15Page - STMicroelectronics L9969X Datasheet HTML 16Page - STMicroelectronics L9969X Datasheet HTML 17Page - STMicroelectronics L9969X Datasheet HTML 18Page - STMicroelectronics L9969X Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
Figure 8. Overview of VDD voltage ranges
Device overall
Reset logic
VDD monitoring
Output stages
SPI function
VDD
18 V
5.6 V
VDD_THH
4.4 V
1.3 V
VDD_POR
VDD_MR_min
VDD_THL
2.6.2.4
Behavior on pin NABE in case of external short circuit
In case a short circuit on the PCB pulls both pins NABE and VDD for example, to the battery voltage (max. 18 V),
the internal power-stage at pin NABE is designed in such a way that the H-bridge is not damaged, in case NABE
is pulled-down internally to GND, even though an external battery voltage is applied low-ohmic to pin NABE. The
internal power-stage sustains such short-circuit for a few hours.
2.6.2.5
NABE Pin
NABE is a bidirectional pin (input and output). As an input function, all output power-stages are permanently
switched off if an external low signal is applied to pin NABE. NABE output is realized as an open drain low side
switch. During a VDD over-voltage (above VDD_THH) or undervoltage (below VDD_THL), the pin is pulled to GND
(logic low). Refer also to Section 2.6.2.4 Behavior on pin NABE in case of external short circuit in case of an
external short circuit at pin NABE.
The NABE-Pin is made redundant to the DIS-Pin to reach the ISO26262 Safety Goals. The NABE goes directly to
the Gate-Driver of the Bridge.
The default signal level of “NABE” (for example in case of ECU initialization) is low-level with integrated pull
down-current source.
L9969x
Power Supply
DS14029 - Rev 3
page 15/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com