Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9969T Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 32Page - STMicroelectronics L9969T Datasheet HTML 33Page - STMicroelectronics L9969T Datasheet HTML 34Page - STMicroelectronics L9969T Datasheet HTML 35Page - STMicroelectronics L9969T Datasheet HTML 36Page - STMicroelectronics L9969T Datasheet HTML 37Page - STMicroelectronics L9969T Datasheet HTML 38Page - STMicroelectronics L9969T Datasheet HTML 39Page - STMicroelectronics L9969T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
Figure 23. Principle of the short circuit across load detection (OVC on HS2 when PWM = 1)
Device enabled and working: HS2 and LS1 are ON
OVC occurs on HS2
HS2 is immediately turned OFF (t_DF_off)
LS1 is turned OFF too after t_DF_del
Drivers are turned ON again after t_retest
OVC occurs on HS2?
HS2 is immediately turned OFF (t_DF_off)
LS1 is turned OFF too after t_DF_del
HS2 Driver is turned ON again after t_SC
With LS1 OFF
OVC occurs on HS2?
HS2 is immediately turned OFF (t_DF_off)
SCG is asserted on DIA1_REG
SCL is asserted on DIA1_REG
NO
YES
NO
YES
Attempt to restart
Short discrimination
3.2.6.7
Short Circuit detection and behavior afterwards
•
After a detected short circuit (SCG, SCB or SCL) both outputs are switched to tri-state.
•
If only one output has diagnosed a short circuit, the second output is switched off after a delay time tDF_del .
This delay time allows the free-wheeling of the inductive energy stored in the load.
•
If a short circuit is detected on both outputs, they are both switched off immediately. If the second short
circuit is detected during tDF_del, the second output is switched off immediately too.
Anytime a SCB or a SCG is detected, L9969 allows to distinguish if there is only a single SC or a SCL. Therefore
a sequence starts running internally after the detected fault SCB or SCG. This sequence of confirmation is short
enough to prevent any mechanical reaction in the connected load.
This is checked internally by switching the second half-bridge to GND and the first half-bridge to GND too,
by releasing the power-stage for a short period tretest. If now the SCB on OUT1 disappears, one has a SCL,
otherwise the SCB on OUT1 is detected correctly. This testing is different from the normal operation, where only
one diagonal path is switched.
Theoretically, there could be the following failure scenario: as DIRx=0 and PWMx=0, a short to battery on OUTx1
occurs, consequently a short to battery detection on OUTx1 LS eventually leads to both OUTx1 LS and OUTx2
LS drivers turn-OFF after filter-time; t_RETEST timer starts. During t_RETEST counting, the short condition
changes from short to battery on OUTx1 to short to ground on OUTx1; as t_RETEST counting expires, both
OUTx1 LS and OUTx2 LS drivers are re-enabled and the previous fault detection is not confirmed and bridge
actuation control returns to the PWMx pin. As PWMx pin status changes back from 0 to 1, OUTx1 HS driver is
enabled as requested; by the way, short to ground on OUTx1 is present, thus both OUTx1 HS and OUTx2 LS
drivers are turned-OFF after filter-time: as no further scenario change occurs, the short confirmation procedure is
completed, confirming the short to ground on OUTx1.
L9969x
Functional behavior in detail
DS14029 - Rev 3
page 36/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com