Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9969T Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 37Page - STMicroelectronics L9969T Datasheet HTML 38Page - STMicroelectronics L9969T Datasheet HTML 39Page - STMicroelectronics L9969T Datasheet HTML 40Page - STMicroelectronics L9969T Datasheet HTML 41Page - STMicroelectronics L9969T Datasheet HTML 42Page - STMicroelectronics L9969T Datasheet HTML 43Page - STMicroelectronics L9969T Datasheet HTML 44Page - STMicroelectronics L9969T Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Figure 28. SPI data line management
If both the NSS were to be asserted and the communication did not have problems such as those indicated in
the following paragraphs, the action will be taken in both bridges. The NSS1 signal has priority over the NSS2,
therefore, the value that will be reported on the data output SO will depend on how the two signals are driven.
3.2.7.2
SPI communication
A SPI communication always starts with an SPI instruction sent from the controller to the H-bridge.
During a write cycle the controller sends the data after the SPI instruction, beginning with the MSB.
During a reading cycle, after having received the SPI instruction, the H-bridge sends the corresponding data to
the controller, also starting with the MSB.
In general, depending on the specific application four different frame types are supported (see the table below).
The frames-types are defined by the number of bits being transferred during an active slave-select phase (falling
SCK-edges during NSS = low).
Table 25. Frame Types
Instruction
Data
Standard:
16-bit frame
8 bits
8 bits
Extended_2 is not used in H-bridge
-
-
-
Extended_3 is not used in H-bridge
-
-
-
Burst frame types are not used in H-bridge
-
-
-
L9969x
Functional behavior in detail
DS14029 - Rev 3
page 41/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com