Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DUXS12 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 5 Page - STMicroelectronics

  LIS2DUXS12 Datasheet HTML 1Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 2Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 3Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 4Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 5Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 6Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 7Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 8Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
The product is factory calibrated at 1.8 V. The operational power supply range is from 1.62 V to 3.6 V.
Table 2. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
±2
g
±4
±8
±16
So
Sensitivity(2)
@ FS ±2 g
0.061
mg/digit
@ FS ±4 g
0.122
@ FS ±8 g
0.244
@ FS ±16 g
0.488
An
Noise density - high-performance mode
@ FS ±8 g
ODR = 800 Hz, BW = ODR/2
220
µg/√Hz
TyOff
Zero-g level offset accuracy(3)
±30
mg
TCO
Zero-g offset change vs. temperature
±1
mg/°C
TCS
Sensitivity change vs. temperature
±0.035
%/°C
ST
Self-test positive difference
X-axis
50
-
700
mg
Y-axis
50
-
700
Z-axis
200
-
1200
1. Typical specifications are not guaranteed.
2. 16-bit format
3. Values after factory calibration test and trimming
LIS2DUXS12
Mechanical and electrical specifications
DS14035 - Rev 2
page 5/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com