Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DUXS12 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 21Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 22Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 23Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 24Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 25Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 26Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 27Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 28Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
Finite state machine in the LIS2DUXS12
LIS2DUXS12 accelerometer data can be used as input of up to 8 programs in the embedded finite state machine
(FSM); also the embedded temperature or analog hub (AH) / Qvar sensor data can be processed in FSM logic
(Figure 11. State machine in the LIS2DUXS12).
All 8 finite state machines are independent: each one has its dedicated memory area and it is independently
executed. An interrupt is generated when the end state is reached or when some specific command is performed.
Figure 11. State machine in the LIS2DUXS12
FSM
x
SIGNAL
CONDITIONING
X = 1..8
Acc [LSB]
Temp/AH/Qvar [LSB]
LIS2DUXS12
FSM output
5.7
Machine learning core
The LIS2DUXS12 embeds a dedicated core for machine learning processing that provides system flexibility,
allowing some algorithms run in the application processor to be moved to the MEMS sensor with the advantage of
consistent reduction in power consumption.
Machine learning core logic allows identifying if a data pattern matches a user-defined set of classes. Typical
examples of applications could be activity detection like running, walking, driving, and so on.
The LIS2DUXS12 machine learning core works on data patterns coming from the accelerometer sensor, but it is
also possible to process the embedded temperature sensor data or the analog hub (AH) / Qvar data.
The input data can be filtered using a dedicated configurable computation block containing filters and features
computed in a fixed time window defined by the user. Computed feature values and filtered data values can also
be read through the FIFO buffer.
Machine learning processing is based on logical processing composed of a series of configurable nodes
characterized by "if-then-else" conditions where the "feature" values are evaluated against defined thresholds.
Figure 12. Machine learning core in the LIS2DUXS12
Machine
learning core
logical processing
Sensor
data
Computation
block
Decision
tree
Accelerometer
Results
Temperature/AH/Qvar
Features
Filters
Meta-classifier
The LIS2DUXS12 can be configured to run up to 4 decision trees simultaneously and independently and every
decision tree can generate up to 16 results. The total number of nodes can be up to 128.
The results of the machine learning processing are available in dedicated output registers readable from the
application processor at any time.
The LIS2DUXS12 machine learning core can be configured to generate an interrupt when a change in the result
occurs.
LIS2DUXS12
Machine learning core
DS14035 - Rev 2
page 25/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com