Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS3TR-C Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM6DS3TR-C
Description  iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3TR-C Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM6DS3TR-C Datasheet HTML 44Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 45Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 46Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 47Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 48Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 49Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 50Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 51Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 115 page
background image
Internal pull-up value is from 30 kΩ to 50 kΩ, depending on VDDIO.
Note:
The procedure to disable the pull-up on pins 10-11 is as follows:
1.
AP side: write 80h in register at address 00h
2.
AP side: write 01h in register at address 05h (disable the pull-up on pins 10 and 11 of LSM6DS3TR-C)
3.
AP side: write 00h in register at address 00h
13
SCL
I2C serial clock (SCL) / SPI serial
port clock (SPC)
I2C serial clock (SCL) / SPI serial
port clock (SPC)
Input without pull-up
Input without pull-up
14
SDA
I2C serial data (SDA) / SPI serial
data input (SDI) / 3-wire interface
serial data output (SDO)
I2C serial data (SDA) / SPI serial
data input (SDI) / 3-wire interface
serial data output (SDO)
Input without pull-up
Input without pull-up
1. Leave pin electrically unconnected and soldered to PCB.
Table 18. Internal pin status (continued)
pin#
Name
Mode 1 function
Mode 2 function
Pin status Mode 1
Pin status Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com