Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95P16-I Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95P16-I
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-I Datasheet(HTML) 1 Page - STMicroelectronics

  M95P16-I Datasheet HTML 1Page - STMicroelectronics M95P16-I Datasheet HTML 2Page - STMicroelectronics M95P16-I Datasheet HTML 3Page - STMicroelectronics M95P16-I Datasheet HTML 4Page - STMicroelectronics M95P16-I Datasheet HTML 5Page - STMicroelectronics M95P16-I Datasheet HTML 6Page - STMicroelectronics M95P16-I Datasheet HTML 7Page - STMicroelectronics M95P16-I Datasheet HTML 8Page - STMicroelectronics M95P16-I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Features
Interface
•
Supports serial peripheral interface (SPI) and dual/quad outputs
•
Wide voltage range: VCC from 1.6 to 3.6 V
•
Temperature range:
–
-40 °C to +85 °C (industrial)
–
-40 °C to +105 °C (extended)
•
Fast read:
–
50 MHz read single output
–
80 MHz fast read single/dual/quad output with one dummy byte
Memory
•
16 Mbit of page EEPROM
–
32-Kbyte blocks, 4-Kbyte sectors
–
Page size: 512 bytes
–
Two identification pages
•
Write endurance:
–
500 kcycles on full temperature range
•
Data retention:
–
100 years
–
10 years after 500 kcycles
Ultra low power consumption
•
0.6 μA (typ) in Deep power-down mode
•
16 μA (typ) in Standby mode
•
800 μA (typ) for read single at 10 MHz
•
1.5 mA (typ) for page write
•
Current peak control < 3 mA
High write/erase performance
•
Fast write/program/erase times:
–
2.0 ms (typ) for byte and page write (includes auto erase and program)
for 512 bytes
–
1.2 ms (typ) for page program (512 bytes)
–
1.1 ms (typ) for page erase
–
1.3 ms (typ) for sector erase
–
4.0 ms (typ) for block erase
–
8 ms (typ) for chip erase
•
Page program with buffer load
UFDFPN8 (2 x 3 mm)
SO8N (4.9 x 6.0 mm)
WLCSP8 (1.363 × 1.809 mm)
Product status link
M95P16-I
M95P16-E
Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
M95P16-I M95P16-E
Datasheet
DS13710 - Rev 1 - February 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M95P16-I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95P32-E STMICROELECTRONICS-M95P32-E Datasheet
2Mb / 70P
Ultra low-power 32-Mbit serial SPI page EEPROM with dual and quad outputs
05-Oct-2022
M95P32-I STMICROELECTRONICS-M95P32-I Datasheet
2Mb / 70P
Ultra low-power 32-Mbit serial SPI page EEPROM with dual and quad outputs
05-Oct-2022
More results

Similar Description - M95P16-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
logo
Dialog Semiconductor
AT25SF161B DIALOG-AT25SF161B Datasheet
1Mb / 64P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
logo
NXP Semiconductors
NXH5104 NXP-NXH5104 Datasheet
1Mb / 37P
4 Mbit Serial SPI EEPROM
Rev. 6.3 ??3 July 2019
logo
STMicroelectronics
M95P32-I STMICROELECTRONICS-M95P32-I Datasheet
2Mb / 70P
Ultra low-power 32-Mbit serial SPI page EEPROM with dual and quad outputs
05-Oct-2022
logo
Renesas Technology Corp
AT25SF161B RENESAS-AT25SF161B Datasheet
1Mb / 61P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com