Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95P16-EXCST/EF Datasheet(PDF) 48 Page - STMicroelectronics

Part # M95P16-EXCST/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCST/EF Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M95P16-EXCST/EF Datasheet HTML 44Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 45Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 46Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 47Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 48Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 49Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 50Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 51Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
Symbol
Parameter
Test conditions
Min
Max
Unit
VIH
Q open
V
Input high voltage
0.75 VCC
VCC + 0.6
VOL
Output low voltage
VCC = 1.8 V, IOL = 0.15 mA
-
0.3
VCC = 2.5 V, IOL = 1.5 mA
-
0.4
VOH
Output high voltage
VCC = 1.8 V, IOH = 0.15 mA
0.8 VCC
-
VCC = 2.5 V, IOH = 1.5 mA
0.8 VCC
-
VPOR(1)
Voltage reset
-
1.10
1.45
1. Evaluated by characterization, not tested in production.
Table 26. Programming times
Symbol
Parameter
Min
Typ(1)(2)
Max(2)
Unit
tPP
Page program cycle time (512 bytes)
-
1.2
1.5
ms
tPE
Page erase cycle time (512 bytes)
-
1.1
4.5(3)
tPW
Page write cycle time (512 bytes)
-
2
4.5(3)
tSE
Sector erase cycle time
-
1.3
5(3)
tBE
Block erase cycle time
-
4
8(3)
tCE
Chip erase cycle time
-
8
25(3)
tWSCR
Write Status and Configuration registers cycle time
-
4
9(3)
1. TA = 25 °C.
2. No significant degradation with aging.
3. The probability to reach the maximum value is less than 1 out of 10 millions.
Table 27. AC characteristics - Other parameters
Symbol
Parameter (test conditions specified in Table 18 and
Table 19)
1.6 V ≤ VCC ≤ 3.6 V
Unit
Min
Max
fC
Clock frequency
-
80
MHz
tSLCH
S active setup time
5
-
ns
tSHCH
S not active setup time
3
-
tSHSL
S deselect time
50
-
tCHSH
S active hold time
5
-
tCHSL
S not active hold time
5
-
tCH(1)
Clock high time
5.5
-
tCL(1)
Clock low time
5.5
-
tCLCH(2)
Clock rise time
0.1
-
V/ns
tCHCL(2)
Clock fall time
0.1
-
tDVCH
Data in set-up time
2
-
ns
tCHDX
Data in hold time
2
-
tCLHL
Clock low setup time before HOLD active
0
-
tCLHH
Clock low setup time before HOLD not active
0
-
tHLCH
HOLD active setup time before clock high
5
-
M95P16-I M95P16-E
DC and AC parameters
DS13710 - Rev 1
page 48/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com