Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95P16-EXCST/EF Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95P16-EXCST/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCST/EF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95P16-EXCST/EF Datasheet HTML 17Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 18Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 19Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 20Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 21Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 22Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 23Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 24Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
6
Instructions
All instructions can run at the maximum frequency of 80 MHz, except read instructions (READ and RDID), which
can run at 50 MHz maximum.
Each command is composed of several bytes (the MSB is transmitted first), initiated with the instruction byte
as summarized in Table 11. If an invalid instruction (that is, one not contained in Table 11) is sent, the device
automatically enters a Wait state until the device or the state is deselected.
Table 11. M95P16 instruction set
Instruction
Number of bytes
Frequency
(MHz)
Name
Description
Binary
code
Hex
code
Address
Dummy
Data
WREN
Write enable
0000 0110
06
0
0
0
80
WRDI
Write disable
0000 0100
04
0
0
0
RDSR
Read Status register
0000 0101
05
0
0
1 (rollover)
WRSR
Write Status register
0000 0001
01
0
0
1 or 2
READ
Read data single output
0000 0011
03
3
0
1 to 4 M (rollover)
50
FREAD
Fast read single output with one dummy byte
0000 1011
0B
3
1
80
FDREAD
Fast read dual output with one dummy byte
0011 1011
3B
3
1
FQREAD
Fast read quad output with one dummy byte
0110 1011
6B
3
1
PGWR
Page write (erase and program)
0000 0010
02
3
0
1 to 512
PGPR
Page program
0000 1010
0A
3
0
1 to 512
PGER
Page erase (512 bytes)
1101 1011
DB
3
0
0
SCER
Sector erase (4 Kbytes)
0010 0000
20
3
0
0
BKER
Block erase (64 Kbytes)
1101 1000
D8
3
0
0
CHER
Chip erase
1100 0111
C7
0
0
0
RDID
Read identification (EE)
1000 0011
83
3
0
1 to 1024
(rollover)
50
FRDID
Fast read identification (EE)
1000 1011
8B
3
1
80
WRID
Write identification page (EE)
1000 0010
82
3
0
1 to 512
DPD
Deep power-down enter
1011 1001
B9
0
0
0
RDPD
Deep power-down release
1010 1011
AB
0
0
0
JEDID
JEDEC identification (SF)
1001 1111
9F
0
0
3
RDCR
Read configuration and safety register
0001 0101
15
0
0
2 (rollover)
RDVR
Read Volatile register
1000 0101
85
0
0
1
WRVR
Write Volatile register
1000 0001
81
0
0
1
CLRSF
Clear safety sticky flags
0101 0000
50
0
0
0
RDSFDP
Read SFDP
0101 1010
5A
3
1
1 to 512 (rollover)
RSTEN
Enable reset
0110 0110
66
0
0
0
RESET
Software reset
1001 1001
99
0
0
0
M95P16-I M95P16-E
Instructions
DS13710 - Rev 1
page 21/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com