Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40192BMS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CD40192BMS
Description  CMOS Presettable Up/Down Counters(Dual Clock With Reset)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD40192BMS Datasheet(HTML) 4 Page - Renesas Technology Corp

  CD40192BMS Datasheet HTML 1Page - Renesas Technology Corp CD40192BMS Datasheet HTML 2Page - Renesas Technology Corp CD40192BMS Datasheet HTML 3Page - Renesas Technology Corp CD40192BMS Datasheet HTML 4Page - Renesas Technology Corp CD40192BMS Datasheet HTML 5Page - Renesas Technology Corp CD40192BMS Datasheet HTML 6Page - Renesas Technology Corp CD40192BMS Datasheet HTML 7Page - Renesas Technology Corp CD40192BMS Datasheet HTML 8Page - Renesas Technology Corp CD40192BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CD40192BMS, CD40193BMS
FN3363 Rev 0.00
Page 4 of 12
December 1992
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
+125oC2.4
-
mA
-55oC4.2
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
+125oC-
-0.36
mA
-55oC-
-0.64
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC-
-1.15
mA
-55oC-
-2.0
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC-
-0.9
mA
-55oC-
-1.6
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC-
-2.4
mA
-55oC-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
7-
V
Propagation Delay
Clock Up or Down to Q
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
240
ns
VDD = 15V
1, 2, 3
+25oC
-
180
ns
Propagation Delay
Reset to Q
TPHL2
VDD = 10V
1, 2, 3
+25oC
-
240
ns
VDD = 15V
1, 2, 3
+25oC
-
180
ns
Propagation Delay
PE to Q
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
140
ns
Propagation Delay
Clock Up to Carry, Clock
Down to Borrow
TPHL4
TPLH4
VDD = 10V
1, 2, 3
+25oC
-
160
ns
VDD = 15V
1, 2, 3
+25oC
-
120
ns
Propagation Delay
PE to Borrow or Carry
TPHL5
TPLH5
VDD = 10V
1, 2, 3
+25oC
-
300
ns
VDD = 15V
1, 2, 3
+25oC
-
220
ns
Propagation Delay
Reset to Borrow or Carry
TPHL6
TPLH6
VDD = 10V
1, 2, 3
+25oC
-
300
ns
VDD = 15V
1, 2, 3
+25oC
-
220
ns
Transition Time
TTHL1
TTLH1
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Rise and
Fall Time
TRCL
TFCL
VDD = 5V
1, 2, 3, 4
+25oC-
15
s
VDD = 10V
1, 2, 3, 4
+25oC-
15
s
VDD = 15V
1, 2, 3, 4
+25oC-
5
s
Minimum Removal Time
Reset or PE
TREM
VDD = 5V
1, 2, 3, 5
+25oC
-
80
ns
VDD = 10V
1, 2, 3, 5
+25oC
-
40
ns
VDD = 15V
1, 2, 3, 5
+25oC
-
30
ns
Minimum Pulse Width
Reset
TW
VDD = 5V
1, 2, 3
+25oC
-
480
ns
VDD = 10V
1, 2, 3
+25oC
-
300
ns
VDD = 15V
1, 2, 3
+25oC
-
260
ns
Minimum Pulse Width PE
TW
VDD = 5V
1, 2, 3
+25oC
-
240
ns
VDD = 10V
1, 2, 3
+25oC
-
170
ns
VDD = 15V
1, 2, 3
+25oC
-
140
ns
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com