Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40192BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD40192BMS
Description  CMOS Presettable Up/Down Counters(Dual Clock With Reset)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD40192BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD40192BMS Datasheet HTML 1Page - Renesas Technology Corp CD40192BMS Datasheet HTML 2Page - Renesas Technology Corp CD40192BMS Datasheet HTML 3Page - Renesas Technology Corp CD40192BMS Datasheet HTML 4Page - Renesas Technology Corp CD40192BMS Datasheet HTML 5Page - Renesas Technology Corp CD40192BMS Datasheet HTML 6Page - Renesas Technology Corp CD40192BMS Datasheet HTML 7Page - Renesas Technology Corp CD40192BMS Datasheet HTML 8Page - Renesas Technology Corp CD40192BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN3363 Rev 0.00
Page 1 of 12
December 1992
FN3363
Rev 0.00
December 1992
CD40192BMS, CD40193BMS
CMOS Presettable Up/Down Counters(Dual Clock With Reset)
DATASHEET
Description
CD40192BMS Presettable BCD Up/Down Counter and the
CD40193BMS Presettable Binary Up/Down Counter each con-
sist of 4 synchronously clocked, gated “D” type flip-flops con-
nected as a counter. The inputs consist of 4 individual jam lines,
a PRESET ENABLE control, individual CLOCK UP and
CLOCK DOWN signals and a master RESET. Four buffered Q
signal outputs as well as CARRY and BORROW outputs for
multiple-stage counting schemes are provided.
The counter is cleared so that all outputs are in a low state by a
high on the RESET line. A RESET is accomplished asynchro-
nously with the clock. Each output is individually programmable
asynchronously with the clock to the level on the corresponding
jam input when the PRESET ENABLE control is low.
The counter counts up one count on the positive clock edge of
the CLOCK UP signal provided the CLOCK DOWN line is high.
The counter counts down one count on the positive clock edge
of the CLOCK DOWN signal provided the CLOCK UP line is
high.
The CARRY and BORROW signals are high when the counter
is counting up or down. The CARRY signal goes low one-half
clock cycle after the counter reaches its maximum count in the
count-up mode. The BORROW signal goes low one-half clock
cycle after the counter reaches its minimum count in the count-
down mode. Cascading of multiple packages is easily accom-
plished without the need for additional external circuitry by tying
the BORROW and CARRY outputs to the CLOCK DOWN and
CLOCK UP inputs, respectively, of the succeeding counter
package.
The CD40192BMS and CD40193BMS are supplied in these
16-lead outline packages:
Braze Seal DIP
*H4W,
†H4X
Frit Seal DIP
H1F
Ceramic Flatpack
*H6P,
†H6W
* CD40192B Only
†CD40193B Only
Features
• CD40192BMS - BCD Type
• CD40193BMS - Binary Type
• High Voltage Type (20V Rating)
• Individual Clock Lines for Counting Up or Counting
Down
• Synchronous High-Speed Carry and Borrow Propaga-
tion Delays for Cascading
• Asynchronous Reset and Preset Capability
• Medium Speed Operation
- fCL = 8MHz (typ.) at 10V
• 5V, 10V and 15V Parametric Ratings
• Standardize Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
A at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Up/Down Difference Counting
• Multistage Ripple Counting
• Synchronous Frequency Dividers
• A/D and D/A Conversion
• Programmable Binary or BCD Counting
Pinout
CD40192BMS, CD40193BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
J2
Q2
Q1
CLOCK UP
Q3
VSS
Q4
VDD
RESET
BORROW
CARRY
PRESET ENABLE
J3
J4
J1
CLOCK DOWN
Functional Diagram
3
2
6
7
12
Q1
Q2
Q3
Q4
BORROW
CARRY
15
1
10
9
5
J1
J2
J3
J4
CLOCK UP
CLOCK DOWN
11
14
PRESET
ENABLE
RESET
VDD = 16
VSS = 8
13
4


Similar Part No. - CD40192BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
More results

Similar Description - CD40192BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40192B STMICROELECTRONICS-HCC40192B Datasheet
314Kb / 15P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
Jun-1989
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
PRESETTABLE UP/DOWN COUNTERS
Mar-2000
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
CMOS PRESETTABLE UP/DOWN COUNTERS
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
CMOS Presettable Up/Down Counters
December 1992
logo
STMicroelectronics
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
PRESETTABLE UP / DOWN COUNTERS
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
Cmos Presettable Up/Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com