Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4043BMS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CD4043BMS
Description  CMOS Quad 3 State R/S Latches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4043BMS Datasheet(HTML) 3 Page - Renesas Technology Corp

  CD4043BMS Datasheet HTML 1Page - Renesas Technology Corp CD4043BMS Datasheet HTML 2Page - Renesas Technology Corp CD4043BMS Datasheet HTML 3Page - Renesas Technology Corp CD4043BMS Datasheet HTML 4Page - Renesas Technology Corp CD4043BMS Datasheet HTML 5Page - Renesas Technology Corp CD4043BMS Datasheet HTML 6Page - Renesas Technology Corp CD4043BMS Datasheet HTML 7Page - Renesas Technology Corp CD4043BMS Datasheet HTML 8Page - Renesas Technology Corp CD4043BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CD4043BMS, CD4044BMS
FN3311 Rev 0.00
Page 3 of 10
December 1992
NOTES: 1. All voltages referenced to device GND, 100% testing being
implemented.
2. Go/No Go test with limits applied to inputs.
3. For accuracy, voltage is measured differentially to VDD. Limit
is 0.050V max.
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Set or Reset to Q
TPHL
TPLH
VDD = 5V, VIN = VDD or GND
(Notes 1, 2)
9+25oC
-
300
ns
10, 11
+125oC, -55oC
-
405
ns
Propagation Delay
3 - State Enable to Q
TPHZ
TPZH
VDD = 5V, VIN = VDD or GND
(Notes 2, 3)
9+25oC
-
230
ns
10, 11
+125oC, -55oC
-
311
ns
Propagation Delay
3 - State Enable to Q
TPLZ
TPZL
VDD = 5V, VIN = VDD or GND
(Notes 2, 3)
9+25oC
-
180
ns
10, 11
+125oC, -55oC
-
243
ns
Transition Time
TTHL
TTLH
VDD = 5V, VIN = VDD or GND
(Notes 1, 2)
9+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
1. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
1
A
+125oC-
30
A
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
A
+125oC-
60
A
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
A
+125oC
-
120
A
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOL
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOH
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
9.95
-
V
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1, 2
+125oC0.36
-
mA
-55oC0.64
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
+125oC0.9
-
mA
-55oC1.6
-
mA
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
+125oC2.4
-
mA
-55oC4.2
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
+125oC-
-0.36
mA
-55oC-
-0.64
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC-
-1.15
mA
-55oC-
-2.0
mA
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com