Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4043BMS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CD4043BMS
Description  CMOS Quad 3 State R/S Latches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4043BMS Datasheet(HTML) 5 Page - Renesas Technology Corp

  CD4043BMS Datasheet HTML 1Page - Renesas Technology Corp CD4043BMS Datasheet HTML 2Page - Renesas Technology Corp CD4043BMS Datasheet HTML 3Page - Renesas Technology Corp CD4043BMS Datasheet HTML 4Page - Renesas Technology Corp CD4043BMS Datasheet HTML 5Page - Renesas Technology Corp CD4043BMS Datasheet HTML 6Page - Renesas Technology Corp CD4043BMS Datasheet HTML 7Page - Renesas Technology Corp CD4043BMS Datasheet HTML 8Page - Renesas Technology Corp CD4043BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CD4043BMS, CD4044BMS
FN3311 Rev 0.00
Page 5 of 10
December 1992
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-1
IDD
 0.2A
Output Current (Sink)
IOL5
 20% x Pre-Test Reading
Output Current (Source)
IOH5A
 20% x Pre-Test Reading
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Pre Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 1 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 2 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Interim Test 3 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
 -0.5V
OSCILLATOR
50kHz
25kHz
PART NUMBER CD4043BMS
Static Burn-In 1
Note 1
1, 2, 9, 10, 13
3 - 8, 11, 12, 14,
15
16
Static Burn-In 2
Note 1
1, 2, 9, 10, 13
8
3 - 7, 11, 12,
14 - 16
Dynamic Burn-
In Note 1
13
8
5, 16
1, 2, 9, 12
4, 6, 12, 14
3, 7, 11, 15
Irradiation
Note 2
1, 2, 9, 10, 13
8
3 - 7, 11, 12,
14 - 16
PART NUMBER CD4044BMS
Static Burn-In 1
Note 1
1, 2, 9, 10, 13
3 - 8, 11, 12, 14,
15
16
Static Burn-In 2
Note 1
1, 2, 9, 10, 13
8
3 - 7, 11, 12,
14 - 16
Dynamic Burn-
In Note 1
2
8
5, 16
1, 9, 10, 13
4, 6, 12, 14
3, 7, 11, 15
Irradiation
Note 2
1, 2, 9, 10, 13
8
3 - 7, 11, 12,
14 - 16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
 5%, VDD = 18V  0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD
= 10V
 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com