Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4063BMS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CD4063BMS
Description  CMOS 4-Bit Magnitude Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4063BMS Datasheet(HTML) 5 Page - Renesas Technology Corp

  CD4063BMS Datasheet HTML 1Page - Renesas Technology Corp CD4063BMS Datasheet HTML 2Page - Renesas Technology Corp CD4063BMS Datasheet HTML 3Page - Renesas Technology Corp CD4063BMS Datasheet HTML 4Page - Renesas Technology Corp CD4063BMS Datasheet HTML 5Page - Renesas Technology Corp CD4063BMS Datasheet HTML 6Page - Renesas Technology Corp CD4063BMS Datasheet HTML 7Page - Renesas Technology Corp CD4063BMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7-962
Specifications CD4063BMS
FIGURE 1. TYPICAL SPEED CHARACTERISTICS OF A 12-BIT COMPARATOR
Interim Test 1 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 2 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Interim Test 3 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 5% parametric, 3% functional; cumulative for static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9, Deltas
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
Note 1
5-7
1, 2, 4, 8-15
3, 16
Static Burn-In 2
Note 1
5-7
3, 8
1, 2, 4, 9-16
Dynamic Burn-
In Note 1
-
1, 2, 4, 8, 10, 11,
13
3, 16
5-7
12, 15
9, 14
Irradiation
Note 2
5-7
3, 8
1, 2, 4, 9-16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD
= 10V
± 0.5V
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
METHOD
GROUP A SUBGROUPS
READ AND RECORD
A0 A1 A2 A3
B0 B1 B2 B3
CD4063
(A < B) IN
(A = B) IN
(A > B) IN
(A < B) OUT
(A = B) OUT
(A > B) OUT
VDD
A4 A5 A6 A7
B4 B5 B6 B7
CD4063
A8 A9 A10 A11
B8 B9 B10 B11
CD4063
tP TOTAL = tP (COMPARE INPUTS) + 2 x tP (CASCADE INPUTS), AT VDD = 10V
(3 STAGES)
= 250 + (2 x 200) = 650ns (TYP.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com