Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4063BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4063BMS
Description  CMOS 4-Bit Magnitude Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4063BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4063BMS Datasheet HTML 1Page - Renesas Technology Corp CD4063BMS Datasheet HTML 2Page - Renesas Technology Corp CD4063BMS Datasheet HTML 3Page - Renesas Technology Corp CD4063BMS Datasheet HTML 4Page - Renesas Technology Corp CD4063BMS Datasheet HTML 5Page - Renesas Technology Corp CD4063BMS Datasheet HTML 6Page - Renesas Technology Corp CD4063BMS Datasheet HTML 7Page - Renesas Technology Corp CD4063BMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-958
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4063BMS
CMOS 4-Bit Magnitude Comparator
Pinout
CD4063BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B3
(A < B) IN
(A = B) IN
(A > B) IN
(A > B) OUT
(A = B) OUT
VSS
(A < B) OUT
VDD
B2
A2
A1
B1
A0
B0
A3
A > B
A = B
A < B
A > B
A = B
A < B
CASCADING
INPUTS
WORD A
4
WORD B
4
Features
• High Voltage Type (20V Rating)
• Expansion to 8, 12, 16 . . . 4N Bits by Cascading Units
• Medium Speed Operation
- Compares Two 4-Bit Words in 250ns (Typ.) at 10V
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Full Package Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Servo Motor Controls
• Process Controllers
Description
CD4063BMS is a 4-bit magnitude comparator designed for use
in computer and logic applications that require the comparison of
two 4-bit words. This logic circuit determines whether one 4-bit
word (Binary or BCD) is “less than”, “equal to”, or “greater than” a
second 4-bit word.
The CD4063BMS has eight comparing inputs (A3, B3, through
A0, B0), three outputs (A < B, A = B, A > B) and three cascading
inputs (A < B, A = B, A > B) that permit systems designers to
expand the comparator function to 8, 12, 16 . . . 4N bits. When a
single CD4063BMS is used, the cascading inputs are connected
as follows: (A < B) = low, (A = B) = high, (A > B) = low.
For words longer than 4 bits, CD4063BMS devices may be cas-
caded by connecting the outputs of the less significant compara-
tor to the corresponding cascading inputs of the more significant
comparator. Cascading inputs (A < B, A = B, and A > B) on the
least significant comparator are connected to a low, a high, and a
low level, respectively.
The CD4063BMS is supplied in these 16 lead outline pack-
ages:
Braze Seal DIP
H4T
Frit Seal DIP
H1E
Ceramic Flatpack
H6W
December 1992
File Number
3318


Similar Part No. - CD4063BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4063BMS INTERSIL-CD4063BMS Datasheet
98Kb / 8P
CMOS 4-Bit Magnitude Comparator
December 1992
More results

Similar Description - CD4063BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI-CD4585B Datasheet
221Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Intersil Corporation
CD4063BMS INTERSIL-CD4063BMS Datasheet
98Kb / 8P
CMOS 4-Bit Magnitude Comparator
December 1992
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
CMOS 4-Bit Magnitude Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com