Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C554 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button 80C554 Datasheet HTML 60Page - NXP Semiconductors 80C554 Datasheet HTML 61Page - NXP Semiconductors 80C554 Datasheet HTML 62Page - NXP Semiconductors 80C554 Datasheet HTML 63Page - NXP Semiconductors 80C554 Datasheet HTML 64Page - NXP Semiconductors 80C554 Datasheet HTML 65Page - NXP Semiconductors 80C554 Datasheet HTML 66Page - NXP Semiconductors 80C554 Datasheet HTML 67Page - NXP Semiconductors 80C554 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
64
DC ELECTRICAL CHARACTERISTICS (Continued)
VDD and Tamb minimum and maximum, per device specifications table.
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Analog Inputs (Continued)
AVIN
Analog input voltage
AVSS–0.2
AVDD+0.2
V
AVREF
Reference voltage:
AVREF–
AVSS–0.2
V
AVREF+
AVDD+0.2
V
RREF
Resistance between AVREF+ and AVREF–
10
50
k
Ω
CIA
Analog input capacitance
15
pF
tADS
Sampling time (10 bit mode)
8tCY
µs
tADS8
Sampling time (8 bit mode)
5tCY
µs
tADC
Conversion time (including sampling time, 10 bit mode)
50tCY
µs
tADC8
Conversion time (including sampling time, 8 bit mode)
24tCY
µs
DLe
Differential non-linearity10, 11, 12
±1
LSB
ILe
Integral non-linearity10, 13 (10 bit mode)
±2
LSB
ILe8
Integral non-linearity (8 bit mode)
±1
LSB
OSe
Offset error10, 14 (10 bit mode)
±2
LSB
OSe8
Offset error (8 bit mode)
±1
LSB
Ge
Gain error10, 15
±0.4
%
Ae
Absolute voltage error10, 16
±3
LSB
MCTC
Channel to channel matching
±1
LSB
Ct
Crosstalk between inputs of port 517, 18
0–100 kHz
–60
dB
NOTES FOR DC ELECTRICAL CHARACTERISTICS:
1. See Figures 57 through 61 for IDD test conditions.
2. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10 ns; VIL = VSS + 0.5 V;
VIH = VDD – 0.5 V; XTAL2 not connected; EA = RST = Port 0 = EW = VDD; STADC = VSS.
3. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10 ns; VIL = VSS + 0.5 V;
VIH = VDD – 0.5 V; XTAL2 not connected; Port 0 = EW = VDD; EA = RST = STADC = VSS.
4. The power-down current is measured with all output pins disconnected; XTAL2 not connected; Port 0 = EW = VDD;
EA = RST = STADC = XTAL1 = VSS.
5. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so an input voltage below 1.5 V will be recognized as a
logic 0 while an input voltage above 3.0 V will be recognized as a logic 1.
6. Pins of ports 1 (except P1.6, P1.7), 2, 3, and 4 source a transition current when they are being externally driven from 1 to 0. The transition
current reaches its maximum value when VIN is approximately 2 V.
7. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100 pF), the noise pulse on the ALE pin may exceed 0.8 V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5 mA and no more than two outputs exceed the test conditions.
8. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9 VDD specification when the
address bits are stabilizing.
9. The following condition must not be exceeded: VDD – 0.2 V < AVDD < VDD + 0.2 V.
10. Conditions: AVREF– = 0 V; AVDD = 5.0 V. Measurement by continuous conversion of AVIN = –20 mV to 5.12 V in steps of 0.5 mV, deriving
parameters from collected conversion results of ADC. AVREF+ (87C554) = 5.12 V. ADC is monotonic with no missing codes.
11. The differential non-linearity (DLe) is the difference between the actual step width and the ideal step width. (See Figure 48.)
12. The ADC is monotonic; there are no missing codes.
13. The integral non-linearity (ILe) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset error. (See Figure 48.)
14. The offset error (OSe) is the absolute difference between the straight line which fits the actual transfer curve (after removing gain error), and
a straight line which fits the ideal transfer curve. (See Figure 48.)
15. The gain error (Ge) is the relative difference in percent between the straight line fitting the actual transfer curve (after removing offset error),
and the straight line which fits the ideal transfer curve. Gain error is constant at every point on the transfer curve. (See Figure 48.)
16. The absolute voltage error (Ae) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated
ADC and the ideal transfer curve.
17. This should be considered when both analog and digital signals are simultaneously input to port 5.
18. This parameter is guaranteed by design and characterized, but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com