Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0002 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 80KSW0002
Description  16-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0002 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 80KSW0002 Datasheet HTML 5Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 9Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 10Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 11Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
IDT80KSW0002
Datasheet
CPS-16 Datasheet
47
April 6, 2016
Figure 7 sRIO Lanes Test Load
The characteristic impedance Z0 should be designed for 100 Ohms. An inline capacitor C1 and C2 at each input of the receiver provides AC-coupling
and a DC-block. The IDT recommended and test value is 100nF for each. Thus, any DC bias differential between the two devices on the link is
negated. The differential input resistance at the receiver is designed to be 100 Ohms (per sRIO specification). Thus, R1 and R2 are 50 Ohms each.
Note that VBIAS is the internal bias voltage of the device’s receiver.
11 Device Performance Figures
Performance Figures
The following table lists the CPS-16’s performance figure. Figures provided here are guaranteed by design and characterization, but are not produc-
tion tested.
Table 4 80KSW0002 Performance Figures
NOTES:
1. Values are guaranteed by characterization, but are not production tested.
2. For those specifications associated with an sRIO transaction, it should be noted that the upper limit to a specification may be dictated by sRIO
priority handling. For example, a maintenance read packet having lower priority may be held off until higher priority packets in queue are serviced. The
user should take into consideration this additional priority-induced delay when examining these specifications. I2C and JTAG configuration register
access transactions are always deterministic and follow these specifications identically.
3. “Cycles” refer to internal core clock cycles which are two times the external reference clock (REF_CLK) frequency = 312.5 MHz.
Description
Min
Typ
Max
Units
Comments
Switch Throughput (Peak)
-
-
40
Gbps
Switch Throughput (Sustained)
-
35
-
Gbps
Value shown is for device configured for 3 4X ports, each
running at 3.125Gbps, 276 byte packets at priority 0. Please
contact IDT technical support for figures related to a
specific usage case and traffic conditions.
Switch Latency Jitter (70% switch load)2
-60
-
ns
Latency Jitter for the switch lock is the sum of the Physical
layer jitter plus one maintenance packet of contention delay
for a given output port. Worst case for the physical layer is
the jitter caused by the port sync process. This requires 6
32-bite control symbols plus 2 cycles times the port rate.
The figures shown here are for priority 2 packets under 70%
switch loading with an even mix of packets of each priority.
It assumes that no maintenance packets contend on the
output port.
Soft Reset to Receipt of Valid Packets
-
-
26
us
This includes reset time as well as link establishment.
Hard Reset to Receipt of Valid Packets
-
-
26
us
This includes reset time as well as link establishment.
Multicast Map Update Delay
25
-
2000
cycles3
Z0
Z0
Tx
TXP
TXN
Rx
RXP
RXN
Vbias
C1
C2
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com