Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV128 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CV128
Description  1-TO-12 DIFFERENTIAL CLOCK BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV128 Datasheet(HTML) 1 Page - Renesas Technology Corp

  CV128 Datasheet HTML 1Page - Renesas Technology Corp CV128 Datasheet HTML 2Page - Renesas Technology Corp CV128 Datasheet HTML 3Page - Renesas Technology Corp CV128 Datasheet HTML 4Page - Renesas Technology Corp CV128 Datasheet HTML 5Page - Renesas Technology Corp CV128 Datasheet HTML 6Page - Renesas Technology Corp CV128 Datasheet HTML 7Page - Renesas Technology Corp CV128 Datasheet HTML 8Page - Renesas Technology Corp CV128 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV128
1-TO-12DIFFERENTIALCLOCKBUFFER
1
JUNE 29, 2007
IDTCV128
COMMERCIAL TEMPERATURE RANGE
1-TO-12 DIFFERENTIAL
CLOCK BUFFER
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2005 Integrated Device Technology, Inc.
DSC-6743/A
DESCRIPTION:
TheCV128differentialbuffercomplieswithIntelDB1200Grev.0.5, andis
designedtoworkinconjunctionwiththemainclockofCK409,CK410/CK410M
and CK410B etc., PLL is off in bypass mode and no clock detect.
FEATURES:
• Compliant with Intel DB1200G rev. 0.5
• DIF Clock Support
− 12differential clock output pairs @ 0.7 V
− 50 ps skew performance (same gear)
• OE pin Control of All Outputs
• 3.3 V Operation
• Gear Ratio supporting generation of clocks at a different
frequency ratioed from the input.
• Split outputs supporting options of 2 outputs @1:1 and
remaining 10 pairs at an alternate gear
• Pin level OE control of individual outputs
• Multiple output frequency options up to 400Mhz as a gear ratio
of input clocks of 100-400Mhz
• Output is HCSL compatible
• SMBus Programmable configurations
• PLL Bypass Configurable
• SMBus address configurable to allow multiple buffer control in
a single control network
• Programmable Bandwidth
• Glitchfree transition between frequency states
• Available in SSOP and TSSOP packages
DIF_0
DIF_0#
DIF_1
DIF_1#
DIF_2
DIF_2#
DIF_3
DIF_3#
DIF_4
DIF_4#
DIF_5
DIF_5#
DIF_6
DIF_6#
DIF_7
DIF_7#
DIF_8
DIF_8#
DIF_9
DIF_9#
DIF_10
DIF_10#
DIF_11
DIF_11#
PLL
Output
Buffer
SCL
SDA
CLK_IN#
CLK_IN
Output
Control
HIGH_BW#
SA_2/PLL/BYPASS#
OE[9:0]#
VTT_PWRGD#/PWRDWN
SM Bus
Controller
OE_10_11#
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - CV128

ManufacturerPart #DatasheetDescription
logo
Pro-Power
CV120LW PROPOWER-CV120LW Datasheet
157Kb / 1P
Weather Resistant Cable Ties Cable Harnessing Accessories
V1.0 13/07/17
logo
Seme LAB
CV12253L SEME-LAB-CV12253L Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
logo
Wall Industries,Inc.
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
787Kb / 6P
Non-Isolated DC/DC Converters
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
1Mb / 6P
Output Current up to 3A
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
1Mb / 6P
Output Current up to 3A
More results

Similar Description - CV128

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
1-to-12, Differential HCSL Fanout Buffer
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
logo
Renesas Technology Corp
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
1-to-12, Differential HCSL Fanout Buffer
10/21/15
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
CV145 RENESAS-CV145 Datasheet
282Kb / 14P
1-TO-19 DIFFERENTIAL CLOCK BUFFER
JUNE 2006
83948I-01 RENESAS-83948I-01 Datasheet
144Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS Fanout Buffer
March 18, 2016
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
1 to 19 Differential Clock Buffer
February 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com