Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C554 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 2 Page - NXP Semiconductors

  83C554 Datasheet HTML 1Page - NXP Semiconductors 83C554 Datasheet HTML 2Page - NXP Semiconductors 83C554 Datasheet HTML 3Page - NXP Semiconductors 83C554 Datasheet HTML 4Page - NXP Semiconductors 83C554 Datasheet HTML 5Page - NXP Semiconductors 83C554 Datasheet HTML 6Page - NXP Semiconductors 83C554 Datasheet HTML 7Page - NXP Semiconductors 83C554 Datasheet HTML 8Page - NXP Semiconductors 83C554 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2
2000 Nov 10
DESCRIPTION
This data sheet describes the 6 clock version of the 8xC554. This
device is only available in 64L LQFP. The 8xC554 Single-Chip 8-Bit
Microcontroller is manufactured in an advanced CMOS process and
is a derivative of the 80C51 microcontroller family. The 87C554 has
the same instruction set as the 80C51. Three versions of the
derivative exist:
83C554—16k bytes ROM
80C554—ROMless version
87C554—16k bytes EPROM
The 87C554 contains a 16k
× 8 non-volatile EPROM, a 512 × 8
read/write data memory, five 8-bit I/O ports, one 8-bit input port, two
16-bit timer/event counters (identical to the timers of the 80C51), an
additional 16-bit timer coupled to capture and compare latches, a
15-source, four-priority-level, nested interrupt structure, an 7-input
ADC, a dual DAC pulse width modulated interface, two serial
interfaces (UART and I2C-bus), a “watchdog” timer and on-chip
oscillator and timing circuits. For systems that require extra
capability, the 8xC554 can be expanded using standard TTL
compatible memories and logic.
In addition, the 8xC554 has two software selectable modes of power
reduction—idle mode and power-down mode. The idle mode freezes
the CPU while allowing the RAM, timers, serial ports, and interrupt
system to continue functioning. Optionally, the ADC can be operated
in Idle mode. The power-down mode saves the RAM contents but
freezes the oscillator, causing all other chip functions to be
inoperative.
The device also functions as an arithmetic processor having
facilities for both binary and BCD arithmetic plus bit-handling
capabilities. The instruction set consists of over 100 instructions:
49 one-byte, 45 two-byte, and 17 three-byte. With an 8 MHz crystal,
58% of the instructions are executed in 0.75
µs and 40% in 1.5 µs.
Multiply and divide instructions require 3
µs.
FEATURES
80C51 central processing unit
16k × 8 EPROM expandable externally to 64k bytes
An additional 16-bit timer/counter coupled to four capture registers
and three compare registers
Two standard 16-bit timer/counters
512 × 8 RAM, expandable externally to 64k bytes
Capable of producing eight synchronized, timed outputs
A 10-bit ADC with seven multiplexed analog inputs
Fast 8-bit ADC option – 9 µS at 16 MHz
Two 8-bit resolution, pulse width modulation outputs
Five 8-bit I/O ports plus one 8-bit input port shared with analog
inputs
I2C-bus serial I/O port with byte oriented master and slave
functions
On-chip watchdog timer
Extended temperature ranges
Full static operation – 0 to 16 MHz
Operating voltage range: 2.7 V to 5.5 V (0 to 8 MHz) and
4.5 V to 5.5 V (8 to 16 MHz) commercial temperature
Security bits:
– ROM – 2 bits
– OTP/EPROM – 3 bits
4 level priority interrupt
15 interrupt sources
Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
Power control modes
– Clock can be stopped and resumed
– Idle mode
– Power down mode
Second DPTR register
EMI reduction – 6 clock operation and ALE inhibit
Programmable I/O pins
Wake-up from power-down by external interrupts
Software reset
Power-on detect reset
ADC charge pump disable
ONCE mode
ADC active in Idle mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com