Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8304AMILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 8304AMILF
Description  Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8304AMILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  8304AMILF Datasheet HTML 1Page - Renesas Technology Corp 8304AMILF Datasheet HTML 2Page - Renesas Technology Corp 8304AMILF Datasheet HTML 3Page - Renesas Technology Corp 8304AMILF Datasheet HTML 4Page - Renesas Technology Corp 8304AMILF Datasheet HTML 5Page - Renesas Technology Corp 8304AMILF Datasheet HTML 6Page - Renesas Technology Corp 8304AMILF Datasheet HTML 7Page - Renesas Technology Corp 8304AMILF Datasheet HTML 8Page - Renesas Technology Corp 8304AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Skew, 1-to-4 LVCMOS/LVTTL
Fanout Buffer
8304I
Data Sheet
©2015 Integrated Device Technology, Inc
December 10, 2015
1
GENERAL DESCRIPTION
The 8304I is a low skew, 1-to-4 Fanout Buffer. The 8304I is charac-
terized at full 3.3V for input V
DD
, and mixed 3.3V and 2.5V for output
operating supply modes (V
DDO
). Guaranteed output and part-to-part
skew characteristics make the 8304I ideal for those clock distribution
applications demanding well defined performance and repeatability.
FEATURES
• Four LVCMOS / LVTTL outputs
• LVCMOS clock input
• CLK can accept the following input levels: LVCMOS, LVTTL
• Maximum output frequency: 166MHz
• Output skew: 60ps (maximum)
• Part-to-part skew: 650ps (maximum)
• Small 8 lead SOIC package saves board space
• 3.3V input, outputs may be either 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) compliant package
BLOCK DIAGRAM
PIN ASSIGNMENT
8304I
8-Lead SOIC
3.8mm x 4.8mm, x 1.47mm package body
M Package
Top View
VDDO
VDD
CLK
GND
1
2
3
4
Q3
Q2
Q1
Q0
8
7
6
5
Q0
Q1
Q2
Q3
CLK Pulldown


Similar Part No. - 8304AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8304AMILF IDT-8304AMILF Datasheet
195Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL
8304AMILFT IDT-8304AMILFT Datasheet
195Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL
More results

Similar Description - 8304AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8304 ICST-ICS8304 Datasheet
151Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. F SEPTEMBER 13, 2004
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. B APRIL 4, 2002
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
IDT6T30028 RENESAS-IDT6T30028 Datasheet
531Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com