Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C652 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 83C652
Description  CMOS single-chip 8-bit microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C652 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 83C652 Datasheet HTML 2Page - NXP Semiconductors 83C652 Datasheet HTML 3Page - NXP Semiconductors 83C652 Datasheet HTML 4Page - NXP Semiconductors 83C652 Datasheet HTML 5Page - NXP Semiconductors 83C652 Datasheet HTML 6Page - NXP Semiconductors 83C652 Datasheet HTML 7Page - NXP Semiconductors 83C652 Datasheet HTML 8Page - NXP Semiconductors 83C652 Datasheet HTML 9Page - NXP Semiconductors 83C652 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
6
BLOCK DIAGRAM
64K BYTE BUS
EXPANSION
CONTRTOL
PROG SERIAL PORT
FULL DUPLEX UART
SYNCHRONOUS SHIFT
PROGRAMMABLE I/O
CPU
OSCILLATOR
AND
TIMING
PROGRAM
MEMORY
DATA
MEMORY
(256 x 8 RAM)
TWO 16-BIT
TIMER/EVENT
COUNTERS
I2C SERIAL I/O
SDA
SCL
SHARED
WITH
PORT 1
T0
T1
COUNTERS
XTAL2
XTAL1
FREQUENCY
REFERENCE
INTERNAL
INTERRUPTS
EXTERNAL
INTERRUPTS
CONTROL
PARALLEL PORTS,
ADDRESS/DATA BUS
AND I/O PINS
SERIAL IN
SERIAL OUT
SHARED WITH
PORT 3
(8K x 8 ROM)
INT0
INT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com