| Electronic Components Datasheet Search |
|
83C652 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
83C652 Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 25 page ![]() Phlips Semiconductors Product specification 80C652/83C652 CMOS single-chip 8-bit microcontrollers 1996 Aug 15 10 ABSOLUTE MAXIMUM RATINGS1, 2, 3 PARAMETER RATING UNIT Storage temperature range –65 to +150 °C Voltage on any other pin to VSS –0.5 to + 6.5 V Input, output current on any single pin ±5 mA Power dissipation (based on package heat transfer limitations, not device power consumption) 1 W NOTES: 1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section of this specification is not implied. 2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima. 3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise noted. DEVICE SPECIFICATIONS TYPE SUPPLY VOLTAGE (V) FREQUENCY (MHz) TEMPERATURE RANGE ( °C) TYPE MIN. MAX. MIN. MAX. RANGE ( °C) P8XC652FBx 4.0 6.0 1.2 16 0 to +70 P8XC652FFx 4.0 6.0 1.2 16 –40 to +85 P8XC652FHx 4.5 5.5 1.2 16 –40 to +125 P8XC652IBx 4.5 5.5 1.2 24 0 to +70 P83X652IFx 4.5 5.5 1.2 24 –40 to +85 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |