Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP80N340K6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP80N340K6
Description  N-channel 800 V, 285 mΩ typ., 12 A MDmesh K6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N340K6 Datasheet(HTML) 3 Page - STMicroelectronics

  STP80N340K6 Datasheet HTML 1Page - STMicroelectronics STP80N340K6 Datasheet HTML 2Page - STMicroelectronics STP80N340K6 Datasheet HTML 3Page - STMicroelectronics STP80N340K6 Datasheet HTML 4Page - STMicroelectronics STP80N340K6 Datasheet HTML 5Page - STMicroelectronics STP80N340K6 Datasheet HTML 6Page - STMicroelectronics STP80N340K6 Datasheet HTML 7Page - STMicroelectronics STP80N340K6 Datasheet HTML 8Page - STMicroelectronics STP80N340K6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 4. On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
800
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 800 V
1
µA
VGS = 0 V, VDS = 800 V, TC = 125 °C(1)
50
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
±1
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3.0
3.5
4.0
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 6 A
285
340
mΩ
1. Specified by design, not tested in production.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 400 V, f = 1 MHz, VGS = 0 V
-
950
-
pF
Coss
Output capacitance
-
13
-
pF
Co(er)(1)
Equivalent capacitance energy
related
VDS = 0 to 640 V, VGS = 0 V
-
18
-
pF
Co(tr)(2)
Equivalent capacitance time
related
-
99
-
pF
RG
Intrinsic gate resistance
f = 1 MHz , ID= 0 A
-
1.8
-
Ω
Qg
Total gate charge
VDD = 640 V, ID = 6 A, VGS= 0 to 10 V
(see Figure 18. Test circuit for gate
charge behavior)
-
17.8
-
nC
Qgs
Gate-source charge
-
5.1
-
nC
Qgd
Gate-drain charge
-
5.5
-
nC
1. Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 V to the stated
value.
2. Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 V to the stated
value.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 6 A,
RG = 4.7 Ω, VGS = 10 V
see (Figure 16. Test circuit for
resistive load switching times and
Figure 17. Switching time waveform)
-
13
-
ns
tr
Rise time
-
4.9
-
ns
td(off)
Turn-off delay time
-
34
-
ns
tf
Fall time
-
11
-
ns
STP80N340K6
Electrical characteristics
DS14083 - Rev 1
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com