Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3021A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3021A
Description  Rail-to-rail 1.8 V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021A Datasheet(HTML) 1 Page - STMicroelectronics

  TS3021A Datasheet HTML 1Page - STMicroelectronics TS3021A Datasheet HTML 2Page - STMicroelectronics TS3021A Datasheet HTML 3Page - STMicroelectronics TS3021A Datasheet HTML 4Page - STMicroelectronics TS3021A Datasheet HTML 5Page - STMicroelectronics TS3021A Datasheet HTML 6Page - STMicroelectronics TS3021A Datasheet HTML 7Page - STMicroelectronics TS3021A Datasheet HTML 8Page - STMicroelectronics TS3021A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•
Propagation delay: 38 ns
•
Low current consumption: 73 µA
•
Rail-to-rail inputs
•
Push-pull outputs
•
Supply operation from 1.8 to 5 V
•
Wide temperature range: -40 °C to 125 °C
•
High ESD tolerance: 5 kV HBM, 300 V MM
•
SMD packages
•
Automotive qualification
Applications
•
Telecom
•
Instrumentation
•
Signal conditioning
•
High-speed sampling systems
•
Portable communication systems
Description
The TS3021, TS3021A single comparator features high-speed response time with
rail-to-rail inputs. With a supply voltage specified from 2 to 5 V, this comparator can
operate over a wide temperature range: -40 °C to 125 °C.
The TS3021, TS3021A comparator offers micropower consumption as low as a few
tens of microamperes thus providing an excellent ratio of power consumption current
versus response time.
The TS3021, TS3021A includes push-pull outputs and is available in small packages
(SOT23-5 and SC70-5).
Pin connections (top view)
SOT23-5/SC70-5
5
4
OUT
Vcc-
1
2
IN+
Vcc+
3
IN-
+
-
Maturity status link
TS3021, TS3021A
Related products
TS3022
For a dual comparator with
similar performances
TS3011
For a high-speed
comparator
Rail-to-rail 1.8 V high-speed comparator
TS3021, TS3021A
Datasheet
DS4807 - Rev 9 - October 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TS3021A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021A STMICROELECTRONICS-TS3021A Datasheet
993Kb / 17P
Rail-to-rail 1.8 V high-speed comparator
25-Aug-2025
TS3021AILT STMICROELECTRONICS-TS3021AILT Datasheet
993Kb / 17P
Rail-to-rail 1.8 V high-speed comparator
25-Aug-2025
More results

Similar Description - TS3021A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
03-Oct-2011
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
logo
Texas Instruments
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
Automotive rail-to-rail 1.8 V high-speed comparator
24-Aug-2016
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com