Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3021A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3021A
Description  Rail-to-rail 1.8 V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021A Datasheet(HTML) 3 Page - STMicroelectronics

  TS3021A Datasheet HTML 1Page - STMicroelectronics TS3021A Datasheet HTML 2Page - STMicroelectronics TS3021A Datasheet HTML 3Page - STMicroelectronics TS3021A Datasheet HTML 4Page - STMicroelectronics TS3021A Datasheet HTML 5Page - STMicroelectronics TS3021A Datasheet HTML 6Page - STMicroelectronics TS3021A Datasheet HTML 7Page - STMicroelectronics TS3021A Datasheet HTML 8Page - STMicroelectronics TS3021A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
Electrical characteristics
Table 3. Electrical characteristics at VCC = 2 V, Tamb = 25 ° C, and full Vicm range (unless otherwise specified)
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
TS3021A
0.5
2
mV
TS3021
0.5
6
-40 °C < Tamb < 125 °C, TS3021A
4
-40 °C < Tamb < 125 °C, TS3021
7
ΔVio/ΔT
Input offset voltage drift
-40 °C < Tamb < 125 °C
3
20
µV/°C
IIO
Input offset current (2)
Tamb
1
20
nA
-40 °C < Tamb < 125 °C
100
IIB
Input bias current (2)
Tamb
86
160
-40 °C < Tamb < 125 °C
300
ICC
Supply current
No load, output high, Vicm = 0 V
73
90
µA
No load, output high, Vicm = 0 V,
-40 °C < Tamb < 125 °C
115
No load, output low, Vicm = 0 V
84
105
No load, output low, Vicm = 0 V,
-40 °C < Tamb < 125 °C
125
ISC
Short-circuit current
Source
9
mA
Sink
10
VOH
Output voltage high
Isource = 1 mA
1.88
1.92
V
-40 °C < Tamb < 125 °C
1.80
VOL
Output voltage low
Isink = 1 mA
60
100
mV
-40 °C < Tamb < 125 °C
150
CMRR
Common mode rejection
ratio
0 < Vicm < 2 V
67
dB
SVR
Supply voltage rejection
∆Vcc = 2 to 5 V
58
73
TPLH
Propagation delay, low to
high output level (3)
Vicm = 0 V, f = 10 kHz, CL = 50 pF,
overdrive = 100 mV
38
60
ns
Vicm = 0 V, f = 10 kHz, CL = 50 pF,
overdrive = 20 mV
48
75
TPHL
Propagation delay, high to
low output level (4)
Vicm = 0 V, f = 10 kHz, CL = 50 pF,
overdrive = 100 mV
40
60
Vicm = 0 V, f = 10 kHz, CL = 50 pF,
overdrive = 20 mV
49
75
TF
Fall time
f = 10 kHz, CL = 50 pF, RL = 10 kΩ,
overdrive = 100 mV
8
TR
Rise time
f = 10 kHz, CL = 50 pF, RL = 10 kΩ,
overdrive = 100 mV
9
1. All values over the temperature range are guaranteed through correlation and simulation. No production test is performed at the
temperature range limits
2. Maximum values include unavoidable inaccuracies of the industrial tests
3. Response time is measured 10%/90% of the final output value with the following conditions: inverting input voltage (IN-) = Vicm and
non-inverting input voltage (IN+) moving from Vicm - 100 mV to Vicm + overdrive.
4. Response time is measured 10%/90% of the final output value with the following conditions: Inverting input voltage (IN-) = Vicm and
non-inverting input voltage (IN+) moving from Vicm + 100 mV to Vicm - overdrive.
TS3021, TS3021A
Electrical characteristics
DS4807 - Rev 9
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com