Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS4002Y Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PBLS4002Y
Description  40 V, 500 mA PNP loadswitch transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4002Y Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PBLS4002Y Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nexperia
PBLS4002Y
40 V, 500 mA PNP loadswitch transistor
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
TR1: PNP low VCEsat transistor
VCBO
collector-base voltage
open emitter
-
-40
V
VCEO
collector-emitter voltage open base
-
-40
V
VEBO
emitter-base voltage
open collector
-
-6
V
IClim
limiting collector current
-
-500
mA
ICM
peak collector current
tp ≤ 1 ms; single pulse
-
-1
mA
IB
base current
-
-50
mA
IBM
peak base current
single pulse; tp ≤ 1 ms
-
-100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
200
mW
TR2: NPN resistor-equipped transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
input voltage TR2 positive
-
30
V
VI
input voltage
input voltage TR2 negative
-
-10
V
IO
output current
-
100
mA
ICM
peak collector current
tp ≤ 1 ms; single pulse
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
200
mW
Per device
Ptot
total power dissipation
-
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
416
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
PBLS4002Y
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
3 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com