Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBLS4002Y Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PBLS4002Y
Description  40 V, 500 mA PNP loadswitch transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4002Y Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PBLS4002Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nexperia
PBLS4002Y
40 V, 500 mA PNP loadswitch transistor
006aaa390
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
- 10- 1
- 1
VCEsat
(V)
- 10- 2
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 5. TR1 (PNP): Collector-emitter saturation voltage
as a function of collector current; typical values
006aaa391
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
- 10- 1
- 1
VCEsat
(V)
- 10- 2
(1)
(2)
(3)
Tamb = 25 °C
(1) IC/IB = 100
(2) IC/IB = 50
(3) IC/IB = 10
Fig. 6. TR1 (PNP): Collector-emitter saturation voltage
as a function of collector current; typical values
006aaa393
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
1
10
102
103
RCEsat
(Ω)
10- 1
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb= 25 °C
(3) Tamb = −55 °C
Fig. 7. TR1 (PNP): Collector-emitter saturation
resistance as a function of collector current;
typical values
006aaa395
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
1
10
102
103
RCEsat
(Ω)
10- 1
(1)
(2)
(3)
Tamb = 25 °C
(1) IC/IB = 100
(2) IC/IB = 50
(3) IC/IB = 10
Fig. 8. TR1 (PNP): Collector-emitter saturation
resistance as a function of collector current;
typical values
PBLS4002Y
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
6 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com