Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM220L Datasheet(PDF) 7 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 7 Page - C-Media Electronics

Back Button CM220L Datasheet HTML 3Page - C-Media Electronics CM220L Datasheet HTML 4Page - C-Media Electronics CM220L Datasheet HTML 5Page - C-Media Electronics CM220L Datasheet HTML 6Page - C-Media Electronics CM220L Datasheet HTML 7Page - C-Media Electronics CM220L Datasheet HTML 8Page - C-Media Electronics CM220L Datasheet HTML 9Page - C-Media Electronics CM220L Datasheet HTML 10Page - C-Media Electronics CM220L Datasheet HTML 11Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 7 -
4. PIN DESCRIPTIONS & ASSIGNMENT
48
Pin#
100
pin #
128
pin #
Symbol
I/O Type
Description
NC
2
1
XDCD
DI, PU
XD Card detect pin, low active
NC
3
2
SMCD
DI, PU
SM Card detect pin, low active
NC
4
3
SMCEB
DO
SM card enable, low active
10
5
4
SMWP
DI, PU
SM card write protect, low active
11
6
5
TMODE
DI, PD
Chip test mode enable, High active
NC
NC
6
GPIO1
DI
General Purpose Input Output
NC
NC
7
CFLED
DO
CF Card access indicator Led, High active
NC
NC
8
VCC3V(O)
Digital power. Connected to 3.3 V
NC
NC
9
GND(O)
Digital Ground pin
NC
7
10
CFPWR
DO
CF Card power control, low active
NC
8
11
CFD[3]
DIO, PD
CF card data bus
NC
9
12
CFD[11]
DIO, PD
CF card data bus
NC
10
13
CFD[4]
DIO, PD
CF card data bus
NC
11
14
CFD[12]
DIO, PD
CF card data bus
NC
12
15
CFD[5]
DIO, PD
CF card data bus
NC
13
16
CFD[13]
DIO, PD
CF card data bus
NC
14
17
CFD[6]
DIO, PD
CF card data bus
NC
15
18
CFD[14]
DIO, PD
CF card data bus
NC
16
19
CFD[7]
DIO, PD
CF card data bus
12
17
20
VCC3V(O)
Digital power. Connected to 3.3 V
NC
18
21
GND(O)
Digital Ground pin
NC
19
22
CFD[15]
DIO, PD
CF card data bus
NC
20
23
CFCS0
DO,
CF card select 0
NC
21
24
CFCS1
DO,
CF card select 1
NC
22
25
CFIOR
DO,
CF card read enable, low active
NC
23
26
CFIOW
DO,
CF card write enable, low active
NC
24
27
CFRST
DO,
CF card reset, low active
NC
25
28
CFSA[2]
DO,
CF card address bus
NC
26
29
CFSA[1]
DO,
CF card address bus
NC
27
30
CFSA[0]
DO,
CF card address bus
NC
28
31
CFD[0]
DIO, PD
CF card data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com