Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM220L Datasheet(PDF) 8 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 8 Page - C-Media Electronics

Back Button CM220L Datasheet HTML 4Page - C-Media Electronics CM220L Datasheet HTML 5Page - C-Media Electronics CM220L Datasheet HTML 6Page - C-Media Electronics CM220L Datasheet HTML 7Page - C-Media Electronics CM220L Datasheet HTML 8Page - C-Media Electronics CM220L Datasheet HTML 9Page - C-Media Electronics CM220L Datasheet HTML 10Page - C-Media Electronics CM220L Datasheet HTML 11Page - C-Media Electronics CM220L Datasheet HTML 12Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 8 -
NC
29
32
VCC3V(O)
Digital power. Connected to 3.3 V
NC
29
32
VCC3V(I)
Digital power. Connected to 3.3 V
NC
30
33
CFD[1]
DIO, PD
CF card data bus
NC
31
34
CFD[8]
DIO, PD
CF card data bus
NC
32
35
CFD[2]
DIO, PD
CF card data bus
NC
33
36
CFD[9]
DIO, PD
CF card data bus
NC
34
37
CFD[10]
DIO, PD
CF card data bus
NC
35
38
CFCD
DI, PU
CF Card detect pin, low active
NC
36
39
GND(O)
Digital Ground pin
13
37
45
VCC(CORE)
Digital power. Connected to 2.5 V
14
38
47
VDDH
Digital power. Connected to 3.3 V
(Regulator input)
15
39
49
GND(CORE)
Digital Ground pin
16
40
56
VCC_U20
Digital power pin. Connected to 2.5V
power
17
41
57
GND_U20
Analog ground
18
42
58
XSCI
Analog input. Crystal oscillator input 12M
19
43
59
XSCO
Analog output. Crystal oscillator output
12M
20
44
60
VCC3O_U20
Analog power pin. Connected to 3.3V
power
20
44
60
VCCHSR
Analog power pin. Connected to 3.3V
power
20
44
60
VCCHST
Analog power pin. Connected to 3.3V
power
21
45
61
GND_U20
Analog ground
22
46
62
RREF
Analog input.
Connects external reference resistor (12.1k
+- 1%) to
Analog GND
23
47
63
DM
Bidirection pin, USB 2.0 data in data
negative pin terminal
24
48
64
DP
Bidirection pin, USB 2.0 data in data
positive pin terminal
25
49
65
GND_U20
Analog ground
26
50
66
RPU
Connects external register (1.5K+- 1.5%) to
analog 3.3V
27
51
67
DMRS
USB 1.1 data in data negative pin terminal
28
52
68
DPRS
USB 1.1 data in data positive pin terminal
29
53
69
VCC3I_U20
Analog power pin. Connected to 3.3V
power
29
53
69
VCC3O_U20
Analog power pin. Connected to 3.3V
power
30
54
70
GND_U20
Analog ground
31
55
71
VCCA
PHY power in for analog. Connected to
3.3V
NC
56
72
GND(O)
Digital Ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com