Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71024S Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 71024S
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71024S Datasheet(HTML) 4 Page - Renesas Technology Corp

  71024S Datasheet HTML 1Page - Renesas Technology Corp 71024S Datasheet HTML 2Page - Renesas Technology Corp 71024S Datasheet HTML 3Page - Renesas Technology Corp 71024S Datasheet HTML 4Page - Renesas Technology Corp 71024S Datasheet HTML 5Page - Renesas Technology Corp 71024S Datasheet HTML 6Page - Renesas Technology Corp 71024S Datasheet HTML 7Page - Renesas Technology Corp 71024S Datasheet HTML 8Page - Renesas Technology Corp 71024S Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6.42
4
71024 CMOS Static RAM
1 Meg (128K x 8-Bit)
Commercial and Industrial Temperature Ranges
Mar.30.21
AC Electrical Characteristics
(VCC = 5.0V ± 10%, Commercial and Industrial Temperature Ranges)
71024S12
71024S15
71024S20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
12
—
15
—
20
—
ns
tAA
Address Access Time
—
12
—
15
—
20
ns
tACS
Chip Select Access Time
—
12
—
15
—
20
ns
tCLZ(1)
Chip Select to Output in Low-Z
3
—
3
—
3
—
ns
tCHZ(1)
Chip Deselect to Output in High-Z
06
0708
ns
tOE
Output Enable to Output Valid
—
6
—
7
—
8
ns
tOLZ(1)
Output Enable to Output in Low-Z
0
—
0
—
0
—
ns
tOHZ(1)
Output Disable to Output in High-Z
05
0507
ns
tOH
Output Hold from Address Change
4
—
4
—
4
—
ns
tPU(1)
Chip Select to Power-Up Time
0
—
0
—
0
—
ns
tPD(1)
Chip Deselect to Power-Down Time
—
12
—
15
—
20
ns
Write Cycle
tWC
Write Cycle Time
12
—
15
—
20
—
ns
tAW
Address Valid to End-of-Write
10
—
12
—
15
—
ns
tCW
Chip Select to End-of-Write
10
—
12
—
15
—
ns
tAS
Address Set-Up Time
0
—
0
—
0
—
ns
tWP
Write Pulse Width
8
—
12
—
15
—
ns
tWR
Write Recovery Time
0
—
0
—
0
—
ns
tDW
Data Valid to End-of-Write
7
—
8
—
9
—
ns
tDH
Data Hold Time
0—
0
—
0—
ns
tOW(1)
Output Active from End-of-Write
3
—
3
—
4
—
ns
tWHZ(1)
Write Enable to Output in High-Z
05
0508
ns
2964 tbl 09
NOTE:
1. This parameter guaranteed with the AC load (Figure 2) by device characterization, but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com