Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71024S Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 71024S
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71024S Datasheet(HTML) 2 Page - Renesas Technology Corp

  71024S Datasheet HTML 1Page - Renesas Technology Corp 71024S Datasheet HTML 2Page - Renesas Technology Corp 71024S Datasheet HTML 3Page - Renesas Technology Corp 71024S Datasheet HTML 4Page - Renesas Technology Corp 71024S Datasheet HTML 5Page - Renesas Technology Corp 71024S Datasheet HTML 6Page - Renesas Technology Corp 71024S Datasheet HTML 7Page - Renesas Technology Corp 71024S Datasheet HTML 8Page - Renesas Technology Corp 71024S Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.42
2
71024 CMOS Static RAM
1 Meg (128K x 8-Bit)
Commercial and Industrial Temperature Ranges
Mar.30.21
NOTE:
1. Thisparameterisguaranteedbydevicecharacterization,butisnotproductiontested.
Truth Table(1,3)
Absolute Maximum Ratings(1)
Pin Configuration(1)
SOJ
Top View
Recommended Operating
Temperature and Supply Voltage
Recommended DC Operating
Conditions
5
6
7
8
9
10
11
12
NC
A16
A14
1
2
3
4
32
31
30
29
28
27
26
25
24
23
22
21
A15
A12
A7
A6
A5
A4
CS2
A13
A8
A9
A11
WE
A10
2964 drw 02
A3
13
20
OE
14
19
15
18
16
GND
17
A2
A1
A0
I/O0
I/O1
I/O2
VCC
CS1
I/O7
I/O6
I/O5
I/O4
I/O3
PJG32
PBG32
71024
NOTES:
1. H = VIH, L = VIL, X = Don't care.
2. VLC = 0.2V, VHC = VCC –0.2V.
3. Other inputs
≥VHC or ≤VLC.
Inputs
I/O
Function
WE
CS1
CS2
OE
X
H
X
X
High-Z
Deselected – Standby (ISB)
XVHC(2)
X
X
High-Z
Deselected – Standby (ISB1)
X
X
L
X
High-Z
Deselected – Standby (ISB)
XX
VLC(2)
X
High-Z
Deselected – Standby (ISB1)
H
L
H
H
High-Z
Outputs Disabled
HL
HL
DATAOUT Read Data
LL
H
X
DATAIN
Write Data
2964 tbl 01
NOTES:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperational
sections of this specification is not implied. Exposure to absolute maximum rating
conditionsforextendedperiodsmayaffectreliability.
2. VTERM must not exceed VCC + 0.5V.
Symbol
Rating
Value
Unit
VTERM(2)
Terminal Voltage with Respect to GND –0.5 to +7.0
V
TBIAS
Temperature Under Bias
–55 to +125
o
C
TSTG
Storage Temperature
–55 to +125
o
C
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
2964 tbl 02
Grade
Temperature
GND
VCC
Commercial
0°C to +70°C
0V
5.0V ± 0.5V
Industrial
–40°C to +85°C
0V
5.0V ± 0.5V
2964 tbl 05
NOTE:
1. VIL (min.) = –1.5V for pulse width less than 10ns, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
000
V
VIH
Input High Voltage
2.2
____
VCC+0.5
V
VIL
Input Low Voltage
–0.5(1)
____
0.8
V
2964 tbl 04
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
8
pF
2964 tbl 03
NOTE:
1. This text does not indicate orientation of actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com