Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71124 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 71124
Description  CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71124 Datasheet(HTML) 1 Page - Renesas Technology Corp

  71124 Datasheet HTML 1Page - Renesas Technology Corp 71124 Datasheet HTML 2Page - Renesas Technology Corp 71124 Datasheet HTML 3Page - Renesas Technology Corp 71124 Datasheet HTML 4Page - Renesas Technology Corp 71124 Datasheet HTML 5Page - Renesas Technology Corp 71124 Datasheet HTML 6Page - Renesas Technology Corp 71124 Datasheet HTML 7Page - Renesas Technology Corp 71124 Datasheet HTML 8Page - Renesas Technology Corp 71124 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Feb.27.20
Features
◆
◆
◆
◆
◆
128K x 8 advanced high-speed CMOS static RAM
◆
◆
◆
◆
◆
JEDEC revolutionary pinout (center power/GND) for
reduced noise.
◆
◆
◆
◆
◆
Equal access and cycle times
– Commercial:12/15/20ns
– Industrial:15/20ns
◆
◆
◆
◆
◆
One Chip Select plus one Output Enable pin
◆
◆
◆
◆
◆
Bidirectional inputs and outputs directly TTL-compatible
◆
◆
◆
◆
◆
Low power consumption via chip deselect
◆
◆
◆
◆
◆
Available in a 32-pin 400 mil Plastic SOJ.
Functional Block Diagram
Description
TheIDT71124isa1,048,576-bithigh-speedstaticRAMorganizedas
128Kx8.Itisfabricatedusinghigh-performance,high-reliabilityCMOS
technology.Thisstate-of-the-arttechnology,combinedwithinnovative
circuitdesigntechniques,providesa cost-effectivesolutionforhigh-speed
memory needs. The JEDEC centerpower/GND pinout reduces noise
generationandimprovessystemperformance.
TheIDT71124hasanoutputenablepinwhichoperatesasfastas6ns,
withaddressaccesstimesasfastas12nsavailable.Allbidirectionalinputs
and outputs of the IDT71124 are TTL-compatible and operation is from
asingle5Vsupply.Fullystaticasynchronouscircuitryisused;noclocks
or refreshes are required for operation.
The IDT71124 is packaged in a 32-pin 400 mil Plastic SOJ.
ADDRESS
DECODER
1,048,576-BIT
MEMORY ARRAY
I/O CONTROL
•
•
•
A0
A16
3514 drw 01
8
8
I/O0 -I/O7
•
8
•
•
•
CONTROL
LOGIC
WE
OE
CS
,
CMOS Static RAM
1 Meg (128K x 8-Bit)
Revolutionary Pinout
71124


Similar Part No. - 71124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7112 ETC1-7112 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Bourns Electronic Solut...
7112-RC BOURNS-7112-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
7112-RC BOURNS-7112-RC Datasheet
55Kb / 1P
Common Mode EMI Chokes
7112-RC BOURNS-7112-RC Datasheet
75Kb / 1P
Common Mode EMI Chokes
logo
RAF ELECTRONIC HARDWARE
7112-SS RAF-7112-SS Datasheet
145Kb / 1P
WASHER FACE THUMB SCREWS
More results

Similar Description - 71124

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71128 IDT-IDT71128 Datasheet
81Kb / 8P
CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71124 IDT-IDT71124_13 Datasheet
89Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout Equal access and cycle times
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com