Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C851FBA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P80C851FBA
Description  CMOS single-chip 8-bit microcontroller with on-chip EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C851FBA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P80C851FBA Datasheet HTML 13Page - NXP Semiconductors P80C851FBA Datasheet HTML 14Page - NXP Semiconductors P80C851FBA Datasheet HTML 15Page - NXP Semiconductors P80C851FBA Datasheet HTML 16Page - NXP Semiconductors P80C851FBA Datasheet HTML 17Page - NXP Semiconductors P80C851FBA Datasheet HTML 18Page - NXP Semiconductors P80C851FBA Datasheet HTML 19Page - NXP Semiconductors P80C851FBA Datasheet HTML 20Page - NXP Semiconductors P80C851FBA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Philips Semiconductors
Product specification
80C851/83C851
CMOS single-chip 8-bit microcontroller
with on-chip EEPROM
1998 Jul 03
17
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 11. IDD Test Condition, Active Mode
All other pins are disconnected
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 12. IDD Test Condition, Idle Mode
All other pins are disconnected
VDD–0.5
0.5V
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
Figure 13. Clock Signal Waveform for IDD Tests
in Active and Idle Modes
tCLCH = tCHCL = 5ns
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
Figure 14. IDD Test Condition, Power Down Mode
All other pins are disconnected.
VDD = 2V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com