Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C751 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 87C751
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C751 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 87C751 Datasheet HTML 3Page - NXP Semiconductors 87C751 Datasheet HTML 4Page - NXP Semiconductors 87C751 Datasheet HTML 5Page - NXP Semiconductors 87C751 Datasheet HTML 6Page - NXP Semiconductors 87C751 Datasheet HTML 7Page - NXP Semiconductors 87C751 Datasheet HTML 8Page - NXP Semiconductors 87C751 Datasheet HTML 9Page - NXP Semiconductors 87C751 Datasheet HTML 10Page - NXP Semiconductors 87C751 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Philips Semiconductors
Product specification
83C751/87C751
80C51 8-bit microcontroller family
2K/64 OTP/ROM, I2C, low pin count
1998 May 01
7
NOTES TO DC ELECTRICAL CHARACTERISTICS:
1. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
2. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
10mA
(NOTE: This is 85
°C spec.)
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all outputs:
67mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
3. Pins of ports 1 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
4. Power-down ICC is measured with all output pins disconnected; port 0 = VCC; X2, X1 n.c.; RST = VSS.
5. Active ICC is measured with all output pins disconnected; X1 driven with tCLCH, tCHCL = 5ns, VIL = VSS + 0.5V, VIH = VCC – 0.5V; X2 n.c.;
RST = port 0 = VCC. ICC will be slightly higher if a crystal oscillator is used.
6. Idle ICC is measured with all output pins disconnected; X1 driven with tCLCH, tCHCL = 5ns, VIL = VSS + 0.5V, VIH = VCC – 0.5V; X2 n.c.;
port 0 = VCC; RST = VSS.
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10% for 87C751, VCC = 5V ±10% for 83C751, VSS = 0V1, 2
12MHz CLOCK
VARIABLE CLOCK
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
Oscillator frequency:
3.5
12
MHz
3.5
16
MHz
External Clock (Figure 1)
tCHCX
High time
20
20
ns
tCLCX
Low time
20
20
ns
tCLCH
Rise time
20
20
ns
tCHCL
Fall time
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
2. Load capacitance for ports = 80pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com