Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C751 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 87C751
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C751 Datasheet(HTML) 2 Page - NXP Semiconductors

  87C751 Datasheet HTML 1Page - NXP Semiconductors 87C751 Datasheet HTML 2Page - NXP Semiconductors 87C751 Datasheet HTML 3Page - NXP Semiconductors 87C751 Datasheet HTML 4Page - NXP Semiconductors 87C751 Datasheet HTML 5Page - NXP Semiconductors 87C751 Datasheet HTML 6Page - NXP Semiconductors 87C751 Datasheet HTML 7Page - NXP Semiconductors 87C751 Datasheet HTML 8Page - NXP Semiconductors 87C751 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Philips Semiconductors
Product specification
83C751/87C751
80C51 8-bit microcontroller family
2K/64 OTP/ROM, I2C, low pin count
2
1998 May 01
853-0599 19326
DESCRIPTION
The Philips 83C751/87C751 offers the advantages of the 80C51
architecture in a small package and at low cost.
The 8XC751 Microcontroller is fabricated with Philips high-density
CMOS technology. Philips epitaxial substrate minimizes CMOS
latch-up sensitivity.
The 8XC751 contains a 2k
× 8 ROM (83C751) EPROM (87C751), a
64
× 8 RAM, 19 I/O lines, a 16-bit auto-reload counter/timer, a
five-source, fixed-priority level interrupt structure, a bidirectional
inter-integrated circuit (I2C) serial bus interface, and an on-chip
oscillator.
The on-board inter-integrated circuit (I2C) bus interface allows the
8XC751 to operate as a master or slave device on the I2C small
area network. This capability facilitates I/O and RAM expansion,
access to EEPROM, processor-to-processor communication, and
efficient interface to a wide variety of dedicated I2C peripherals.
FEATURES
• 80C51 based architecture
• Inter-Integrated Circuit (I2C) serial bus interface
• Small package sizes
– 24-pin DIP (300 mil “skinny DIP”)
– 24-pin Shrink Small Outline Package
– 28-pin PLCC
• 87C751 available in one-time programmable plastic packages
• Wide oscillator frequency range
• Low power consumption:
– Normal operation: less than 11mA @ 5V, 12MHz
– Idle mode
– Power-down mode
• 2k × 8 ROM (83C751)
2k
× 8 EPROM (87C751)
• 64 × 8 RAM
• 16-bit auto reloadable counter/timer
• Fixed-rate timer
• Boolean processor
• CMOS and TTL compatible
• Well suited for logic replacement, consumer and industrial
applications
• LED drive outputs
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
P3.4/A4
P3.3/A3
P3.2/A2/A10
P3.1/A1/A9
P3.0/A0/A8
P0.2/VPP
P0.1/SDA/OE–PGM
RST
X2
X1
VSS
P0.0/SCL/ASEL
P1.0/D0
P1.1/D1
P1.2/D2
P1.3/D3
P1.4/D4
P1.5/INT0/D5
P1.6/INT1/D6
P1.7/T0/D7
P3.7/A7
P3.6/A6
P3.5/A5
VCC
PLASTIC
DUAL
IN-LINE
PACKAGE
AND
SHRINK
SMALL
OUTLINE
PACKAGE
PLASTIC
LEADED
CHIP
CARRIER
41
26
5
11
25
19
12
18
Pin
Function
1
P3.4/A4
2
P3.3/A3
3
P3.2/A2/A10
4
P3.1/A1/A9
5
NC*
6
P3.0/A0/A8
7
P0.2/VPP
8
P0.1/SDA/OE-PGM
9
P0.0//SCLASEL
SU00315
* DO NOT CONNECT
PinFunction
10
NC*
11
RST
12
X2
13
X1
14
VSS
15
P1.0/D0
16
P1.1/D1
17
P1.2/D2
18
P1.3/D3
Pin
Function
19
P1.4/D4
20
P1.5/INT0/D5
21
NC*
22
NC*
23
P1.6/INT1/D6
24
P1.7/T0/D7
25
P3.7/A7
26
P3.6/A6
27
P3.5/A5
28
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com